Electronic Components Datasheet Search
  English  ▼

X  

THCV218 Datasheet(PDF) 24 Page - THine Electronics, Inc.

Part # THCV218
Description  V-by-One HS High-speed Video Data Transmitter and Receiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV218 Datasheet(HTML) 24 Page - THine Electronics, Inc.

Back Button THCV218 Datasheet HTML 20Page - THine Electronics, Inc. THCV218 Datasheet HTML 21Page - THine Electronics, Inc. THCV218 Datasheet HTML 22Page - THine Electronics, Inc. THCV218 Datasheet HTML 23Page - THine Electronics, Inc. THCV218 Datasheet HTML 24Page - THine Electronics, Inc. THCV218 Datasheet HTML 25Page - THine Electronics, Inc. THCV218 Datasheet HTML 26Page - THine Electronics, Inc. THCV218 Datasheet HTML 27Page - THine Electronics, Inc. THCV218 Datasheet HTML 28Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
THCV217-THCV218_Rev.2.11_E
Copyright(C)2016 THine Electronics,Inc.
24
THine Electronics, Inc.
Security E
CML Output Switching Characteristics
TXmp
TXmn
m=0,1
75~200nF
75~200nF
< 5mm
20%
80%
Vdiff = (TXmp) - (TXmn)
tTRF
tTRF
50Ω
50Ω
m=0,1
Vdiff = (TX0p) - (TX0n)
Vdiff = (TX1p) - (TX1n)
tTOSK
Vdiff = 0V
Vdiff = 0V
Figure 12. CML Output Switching Timing Diagrams and Test Circuit
CML Input Switching Characteristics
Vdiff = (RX0p) - (RX0n)
Vdiff = (RX1p) - (RX1n)
tRISK
Vdiff = 0V
Vdiff = 0V
Figure 13. CML Input Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com