Electronic Components Datasheet Search
  English  ▼

X  

THCV218 Datasheet(PDF) 8 Page - THine Electronics, Inc.

Part # THCV218
Description  V-by-One HS High-speed Video Data Transmitter and Receiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV218 Datasheet(HTML) 8 Page - THine Electronics, Inc.

Back Button THCV218 Datasheet HTML 4Page - THine Electronics, Inc. THCV218 Datasheet HTML 5Page - THine Electronics, Inc. THCV218 Datasheet HTML 6Page - THine Electronics, Inc. THCV218 Datasheet HTML 7Page - THine Electronics, Inc. THCV218 Datasheet HTML 8Page - THine Electronics, Inc. THCV218 Datasheet HTML 9Page - THine Electronics, Inc. THCV218 Datasheet HTML 10Page - THine Electronics, Inc. THCV218 Datasheet HTML 11Page - THine Electronics, Inc. THCV218 Datasheet HTML 12Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
THCV217-THCV218_Rev.2.11_E
Copyright(C)2016 THine Electronics,Inc.
8
THine Electronics, Inc.
Security E
THCV218 Pin Description (Continued)
PIN Name
Ball #
Type*
Description
PLL
K1
I3
PLL bandwidth select
H: CLKIN<40MHz, when SiSo,DiDo
L: Normal Operation
OE
L2
I3
Output enable input (See Table 1 for details)
H: All CMOS outputs enabled
L: All CMOS outputs disabled, except for LOCKN, HTPDN
DGLOCK
N1
I3PU Connect all DGLOCK pins in multiple-chip configuration.
Must be left OPEN for single-chip configuration.
R/F
M1
I3
Output clock triggering edge select input
H: Rising edge
L: Falling edge
DKEN
L4
I3
DK enable
H: DK enabled
L: DK disabled (Default)
DK
K3
I3
Output clock delay timing select input. Enabled by DKEN.
H: Late
L: Early
Refer to Figure 10 for details.
BETOUT
E1
O3
Field BET result output. Must be left OPEN when NOT used.
Reserved7
G2
I3
CTL bit transmission on DE=low blanking period enable
H: CTL bit enabled (CTL are transmitted except the 1st and the last pixel of DE=Low)
L: CTL bit disabled (CTL are Low fixed during DE=Low)
When BET=High, Reserved7 must be Low.
Reserved3
D3
O3
Reserved outputs. Must be left OPEN.
Reserved1,
4-6
C4,C3,E2,G1
I3
Reserved input. Must be tied to GND
VDL
C5,C6,L5,L6
P
1.8V power supply pins for digital circuitry
CAVDL
E3,F3,G3,H3,J3
P
1.8V power supply pins for CML inputs and PLL circuitry
DVDH
C7,C8,C9,C10,C11,
D11,E11,F11,F12,
H11,J11,K11,L7,
L8,L9,L10,L11
P3
3.3V power supply pins for TTL outputs
GND
E5,E6,E7,E8,E9,F5,
F6,F7,F8,F9,G5,G6,
G7,G8,G9,G11,
G12,H5,H6,H7,H8,
H9,J5,J6,J7,J8,J9
GND Ground pins
*type symbol
CI=CML Input, OD3=3.3V Open drain output, O3=3.3V CMOS output
I3=3.3V CMOS input, I3L=Low speed 3.3V CMOS input, I3PU=3.3V CMOS inout with an on-chip pullup resistor
P=1.8V power supply, P3=3.3V power supply
Table 1. Output Control
PDN
OE
R/G/B/CONT
H,Vsync,DE,CLKOUT
L
L
Hi-Z
L
H
All Low
H
L
Hi-Z
H
H
Data Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com