Electronic Components Datasheet Search
  English  ▼

X  

THCV218 Datasheet(PDF) 27 Page - THine Electronics, Inc.

Part # THCV218
Description  V-by-One HS High-speed Video Data Transmitter and Receiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV218 Datasheet(HTML) 27 Page - THine Electronics, Inc.

Back Button THCV218 Datasheet HTML 23Page - THine Electronics, Inc. THCV218 Datasheet HTML 24Page - THine Electronics, Inc. THCV218 Datasheet HTML 25Page - THine Electronics, Inc. THCV218 Datasheet HTML 26Page - THine Electronics, Inc. THCV218 Datasheet HTML 27Page - THine Electronics, Inc. THCV218 Datasheet HTML 28Page - THine Electronics, Inc. THCV218 Datasheet HTML 29Page - THine Electronics, Inc. THCV218 Datasheet HTML 30Page - THine Electronics, Inc. THCV218 Datasheet HTML 31Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
THCV217-THCV218_Rev.2.11_E
Copyright(C)2016 THine Electronics,Inc.
27
THine Electronics, Inc.
Security E
THCV217 Input Data Mapping
Table 19. CMOS Input Data Mapping for Single-in/Single-out, Single-in/Dual-out mode
10bit
(30bpp)
8bit
(24bpp)
10bit
(30bpp)
8bit
(24bpp)
R0*1
-
R10
-
D30
R1*1
-
R11
-
D31
R2
R0
R12
R12
D0
R3
R1
R13
R13
D1
R4
R2
R14
R14
D2
R5
R3
R15
R15
D3
R6
R4
R16
R16
D4
R7
R5
R17
R17
D5
R8
R6
R18
R18
D6
R9
R7
R19
R19
D7
G0*1
-
G10
-
D28
G1*1
-
G11
-
D29
G2
G0
G12
G12
D8
G3
G1
G13
G13
D9
G4
G2
G14
G14
D10
G5
G3
G15
G15
D11
G6
G4
G16
G16
D12
G7
G5
G17
G17
D13
G8
G6
G18
G18
D14
G9
G7
G19
G19
D15
B0*1
-
B10
-
D26
B1*1
-
B11
-
D27
B2*1
B0*1
B12
B12
D16
B3*1
B1*1
B13
B13
D17
B4*1
B2*1
B14
B14
D18
B5*1
B3*1
B15
B15
D19
B6*1
B4*1
B16
B16
D20
B7*1
B5*1
B17
B17
D21
B8*1
B6*1
B18
B18
D22
B9*1
B7*1
B19
B19
D23
CONT1*1*2
-
CONT11
-
D24
CONT2*1*2
-
CONT12
-
D25
HSYNC
HSYNC
HSYNC
HSYNC
HSYNC
VSYNC
VSYNC
VSYNC
VSYNC
VSYNC
DE
DE
DE
DE
DE
*1 CTL bits, which are carried during DE=Low except the 1st and the last pixel.
*2 3D flags defined in the V-by-One® HS Standard are assigned to the following bit.
V-by-One® HS Standard Packer/Unpacker D[24](3DLR) <=> CONT2
V-by-One® HS Standard Packer/Unpacker D[25](3DEN) <=> CONT1
Data Signals
Transm itter
Input Pin Nam e
Sym bol defined
by V-by-One® HS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com