Electronic Components Datasheet Search
  English  ▼

X  

THCV218 Datasheet(PDF) 23 Page - THine Electronics, Inc.

Part # THCV218
Description  V-by-One HS High-speed Video Data Transmitter and Receiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV218 Datasheet(HTML) 23 Page - THine Electronics, Inc.

Back Button THCV218 Datasheet HTML 19Page - THine Electronics, Inc. THCV218 Datasheet HTML 20Page - THine Electronics, Inc. THCV218 Datasheet HTML 21Page - THine Electronics, Inc. THCV218 Datasheet HTML 22Page - THine Electronics, Inc. THCV218 Datasheet HTML 23Page - THine Electronics, Inc. THCV218 Datasheet HTML 24Page - THine Electronics, Inc. THCV218 Datasheet HTML 25Page - THine Electronics, Inc. THCV218 Datasheet HTML 26Page - THine Electronics, Inc. THCV218 Datasheet HTML 27Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
THCV217-THCV218_Rev.2.11_E
Copyright(C)2016 THine Electronics,Inc.
23
THine Electronics, Inc.
Security E
CMOS Output Switching Characteristics
20%
80%
tTLH
tTHL
CL = 8pF
RD = 39Ω
Test Point
R/F=L
R/F=H
R/F=L
R/F=H
CLKOUT
DKEN=L
CLKOUT
DKEN=H
DK=L
CLKOUT
DKEN=H
DK=H
Rx.Gx,Bx
x=29-20,19-10
HSYNC,VSYNC
DE
CONT11,12
CONT21,22
DVDH/2
DVDH/2
DVDH/2
DVDH/2
DVDH/2
DVDH/2
DVDH/2
R/F=H
R/F=L
tRCP
tRS
tRH
tDOUT
tRCL
tRCH
tDK
tDK
Figure 11. CMOS Output Switching Timing Diagrams and Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com