Electronic Components Datasheet Search
  English  ▼

X  

THCV218 Datasheet(PDF) 33 Page - THine Electronics, Inc.

Part # THCV218
Description  V-by-One HS High-speed Video Data Transmitter and Receiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV218 Datasheet(HTML) 33 Page - THine Electronics, Inc.

Back Button THCV218 Datasheet HTML 27Page - THine Electronics, Inc. THCV218 Datasheet HTML 28Page - THine Electronics, Inc. THCV218 Datasheet HTML 29Page - THine Electronics, Inc. THCV218 Datasheet HTML 30Page - THine Electronics, Inc. THCV218 Datasheet HTML 31Page - THine Electronics, Inc. THCV218 Datasheet HTML 32Page - THine Electronics, Inc. THCV218 Datasheet HTML 33Page - THine Electronics, Inc. THCV218 Datasheet HTML 34Page - THine Electronics, Inc. THCV218 Datasheet HTML 35Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
THCV217-THCV218_Rev.2.11_E
Copyright(C)2016 THine Electronics,Inc.
33
THine Electronics, Inc.
Security E
THCV218
TFBGA 12x12 145L
A
B
C
D
E
F
G
H
J
K
L
1 2 3 4 5 6 7 8 9 10 11
PIN A1 CORNER
A1 CORNER
0.8
9.6
12.0
BOTTOM VIEW
TOP VIEW
0.12
C
0.53 REF.
0.26 REF.
1.20 MAX.
0.27~0.37
UNIT : mm
M
N
12 13
A
B
C
D
E
F
G
H
J
K
L
1
2
3
4
5
6
7
8
9
10
11
M
N
12
13
Ball Diameter: 0.4
Ball Width: 0.38~0.48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com