Electronic Components Datasheet Search
  English  ▼

X  

P9373 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # P9373
Description  SmartACFL Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

P9373 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button P9373 Datasheet HTML 16Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 17Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 18Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 19Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 20Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 21Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 22Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 23Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
V.90/K56flex Modem Device Sets with SmartDAA Technology for Low Power Applications
SmartACFL
Doc. No. 100444A
Conexant
23
Proprietary Information
DETAIL A
A1
L1
c
L
A
D1
A2
Millimeters
0.05
8.75
0.5
0.30
0.13
1.6 MAX
0.15
1.4 REF
9.25
7.0 REF
5.6 REF
0.75
1.0 REF
0.80 BSC
0.40
0.19
0.10 MAX
0.0020
0.3445
0.0197
0.0118
0.0051
A
A1
A2
D
D1
D2
L
L1
e
b
c
Coplanarity
Min.
Max.
Min.
Max.
Inches
Dim.
Ref: 32-PIN TQFP (GP00-D262)
* Metric values (millimeters) should be used for
PCB layout. English values (inches) are
converted from metric values and may include
round-off errors.
0.0630 MAX
0.0059
0.0551 REF
0.3642
0.2756 REF
0.2205 REF
0.0295
0.0394 REF
0.0315 BSC
0.0157
0.0075
0.004 MAX
PD-TQFP-32 (040395)
DETAIL A
D1
e
b
D
D2
D1
D1
D
D2
PIN 1
REF
Figure 13. Package Dimensions - 32-Pin TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com