Electronic Components Datasheet Search
  English  ▼

X  

P9373 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # P9373
Description  SmartACFL Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

P9373 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button P9373 Datasheet HTML 14Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 15Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 16Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 17Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 18Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 19Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 20Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 21Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
SmartACFL
V.90/K56flex Modem Device Sets with SmartDAA Technology for Low Power Applications
18
Conexant
Doc. No. 100444A
Proprietary Information
VC (20437) Hardware Pins and Signals
(S Models)
General
Microphone and analog speaker interface signals, as
well as telephone handset/head interface signals are
provided to support functions such as speakerphone
mode, telephone emulation, microphone voice
record, speaker voice playback, and call progress
monitor.
Speakerphone Interface
The following signals are supported:
• Speaker Out (M_SPKR_OUT); analog output -
Should be used in speakerphone designs where
sound quality is important.
• Microphone (M_MIC_IN); analog input
Telephone Handset/Headset Interface
• Telephone Input (M_LINE_IN), input (TELIN) –
Optional connection to a telephone handset a
telephone handset interface circuit.
• Telephone output (M_LINE_OUTP); output
(TELOUT) - Optional connection to a telephone
handset interface circuit.
• Center Voltage (VC_HANDSET); output reference
voltage.
MDP Interface
The following interface signals are supported:
• Reset (POR); input
• Sleep (SLEEP); input
• Master Clock (M_CLKIN); input.
• Serial Clock (M_SCK); output.
• Control (M_CNTRLSIN); input
• Serial Frame Sync (M_STROBE); output.
• Serial Transmit Data (M_TXSIN); input.
• Serial Receive Data (M_RXOUT); output.
VC Interface Signals and Pin Assignments
The VC (20437) 32-pin TQFP hardware interface
signals are shown by major interface in Figure 9.
The VC (20437) 32-pin TQFP pin signals are shown
in Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com