Electronic Components Datasheet Search
  English  ▼

X  

P9373 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # P9373
Description  SmartACFL Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

P9373 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button P9373 Datasheet HTML 3Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 4Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 5Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 6Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 7Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 8Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 9Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 10Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
V.90/K56flex Modem Device Sets with SmartDAA Technology for Low Power Applications
SmartACFL
Doc. No. 100444A
Conexant
7
Proprietary Information
Hardware Description
SmartDAA
 technology (patent pending) eliminates
the need for a costly analog transformer, relays, and
opto-isolators that are typically used in discrete DAA
implementations. The programmable SmartDAA
architecture simplifies product implementation in
worldwide markets by eliminating the need for
country-specific components.
Microcontroller (MCU/MCUP)
The microcontroller is a Conexant 8-bit
microcomputer with pins to support serial
DTE/parallel host bus/PC Card, MDP, voice/TAM,
speakerphone, and RCDSVD SCP interface
operation. The operating voltage is +3.3V with +5V
tolerant inputs.
The MCUP incorporates a built-in PC Card interface
and CIS memory allowing the MCUP to directly
connect to the PC Card 68-pin socket without
requiring external PICA and CIS devices.
The MCU connects to the DTE/host via a V.24
(EIA/TIA-232-E) serial DTE interface or a parallel
host bus depending on installed firmware, whereas
the MCUP connects to a PC Card socket via built-in
PC Card interface. Unless otherwise stated,
references to general microcontroller functions
include both the MCUP and MCU.
The MCU performs the command processing and
host interface functions. The crystal frequency is
28.224 MHz. The MCU outputs a 28.224 MHz clock
to the MDP eliminating need for a separate MDP
crystal circuit.
The MCU connects to the MDP via dedicated lines
and the external bus. The external bus also connects
to OEM-supplied RAM (56 models), ROM/flash
ROM, and to the optional RCDSVD SCP.
The MCU connects to a serial EEPROM over a
dedicated serial interface.
Two independent functions are supported; the
modem function and an optional user-defined
Function 2. A Card Option Configuration Register
and a Configuration and Status Register for each
function allow independent configuration/control and
status reporting of the respective function.
The MCUP PC Card interface features include:
• PC Card interface logic and memory
− Internal 512-byte Card Information Structure
(CIS) provides the tuple information needed to
define the PC Card functionality.
− CIS Table is configurable from ROM/flash
memory (default) or from NVRAM (option)
− Address decode logic
• Modem Function
− Decoding for standard COM ports in
Overlapping I/O Address Mode
− Independent I/O Address Mode support
− Power-down mode control
− Digital speaker pass-through
− Supports two ring handling methods
− Ring Indicate pass-through to Status Change
− Six 8-bit Modem Function Card Configuration
Registers
Configuration Option Register (full support)
Configuration and Status Register (full support)
Pin Replacement Register (CREADY and
RREADY)
Extended Status Register (RIEvt and RIEnab)
I/O Base Register 0
I/O Base Register 1
• Optional User-defined Function 2
− Reset and chip select control
− Power-down mode control
− 16-bit data transfer control
− Disable EEPROM control
− Interrupt request pass through
− Four 8-bit Card Configuration Registers
Configuration Option Register (full support)
Configuration and Status Register (full support)
I/O Base Register 0
I/O Base Register 1
• MCU and MCUP packaged in 128-pin TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com