Electronic Components Datasheet Search
  English  ▼

X  

P9373 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # P9373
Description  SmartACFL Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

P9373 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  P9373 Datasheet HTML 1Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 2Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 3Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 4Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 5Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 6Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 7Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 8Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
V.90/K56flex Modem Device Sets with SmartDAA Technology for Low Power Applications
SmartACFL
Doc. No. 100444A
Conexant
3
Proprietary Information
Introduction (continued)
The optional Voice Codec (VC) supports voice/full-
duplex speakerphone (FDSP) operation with
interfaces to a microphone and speaker and to a
telephone handset/headset. The optional RCDSVD
Speech Codec Processor (SCP) supports DSVD.
The modem operates by executing firmware from
external 1 Mbit (128k X 8) RAM and 2 Mbit (256k X
8) ROM/Flash ROM. The 33S and 14S models can
alternatively use external 1 Mbit or 2 Mbit
ROM/Flash ROM and the MCU’s internal 32K X 8
RAM. For GSM support the ROM size is doubled.
Accelerator kits and reference designs are available
in electronic form to minimize application design time
and costs. The design package includes schematics,
bill of materials (BOM), board layout files in Gerber
format, and complete documentation. The design is
pretested to pass FCC Part 15, Part 68, and CTR 21
for immediate manufacturing.
Applications
•
PC Cards
•
Embedded systems
•
Serial box modems
•
Set top boxes
•
Point of sales terminals
•
Remote monitoring and data collection systems
Modem Data Pump (MDP)
P9373: 100-Pin TQFP
Voice Codec (VC)
20437: 32-Pin TQFP
(Optional)
SPEAKER
(Mic/Speaker)
Interface
(Optional)
TIP
RING
Electronic
Inductor,
Diode Bridge,
Protection &
EMI,
Impedance
Components
SmartDAA
Interface
Modem
Data Pump
(MDP)
Telephone
Line
Digital Speaker
Circuit (Optional)
PCCard/Parallel/
Serial DTE
Interface
MIC
SPEAKER
MD251F2_FID
SOUNDUCER
Digital
Isolation
Barrier
(DIB)
(OEM
supplied)
Line Side Device (LSD)
20463: 32-Pin TQFP
Line
Side
DIB
Interface
(LSDI)
Codec
Telephone
Line
Interface
DAA Hardware
HS Hybrid
Components
(Optional)
Cellular
Interface
GSM
Interface
RAM
1M (128K x 8)
Central
Processor
Unit (MCU)
SPEAKER
Serial EEPROM
2K (256 x 8) to
32K (4K x 8)
(Optional)
ROM/Flash ROM
2M (256K x 8)
4M (512K X 8)*
* = GSM Support
MCU
Interface
MDP
Interface
Internal
RAM
Serial
EEPROM
Interface
Expansion
Memory
Bus
Interface
Cellular and
GSM
Interface
Host
Interface
Microcontroller Unit (MCU)
L2702: 128-Pin TQFP
Rectifier and
Filter
Components
Figure 1. SmartACFL Modem Major Interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com