Electronic Components Datasheet Search
  English  ▼

X  

P9373 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # P9373
Description  SmartACFL Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

P9373 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button P9373 Datasheet HTML 12Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 13Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 14Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 15Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 16Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 17Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 18Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 19Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
SmartACFL
V.90/K56flex Modem Device Sets with SmartDAA Technology for Low Power Applications
16
Conexant
Doc. No. 100444A
Proprietary Information
LSD Hardware Pins and Signals
MDP Interface (Through DIB)
The DIB interface signals are:
• Clock (CLK); input
• Digital Power (PWR+); input power
• Digital Ground (DGND); digital ground
• Data Positive (DIB_P); input
• Data Negative (DIB_N); input
Telephone Line Interface
The telephone line interface signals are:
• RING AC Coupled (RAC1); input
• TIP AC Coupled (TAC1); input
• Electronic Inductor Resistor (EIR); output
• TIP and RING DC Measurement (TRDC); input
• DAC Output Voltage (DAC); output
• Electronic Inductor Capacitor (EIC)
• Electronic Inductor Output (EIO)
• Electronic Inductor Feedback (EIF)
• Resistive Divider Midpoint (DCF)
• Transmit Analog Output (TXA); output
• Receive Analog Input (RXI); input
• Receiver Gain (RXG); output
• MOV Enable (MOVEN); output
• World-wide Impedance 0 (ZW0); input
• US Impedance 0 (ZUS0); input
• Transmit Feedback (TXF); input
• Transmit Output (TXO); output
LSD Signal Interface and Pin Assignments
The LSD (20463) 32-pin TQFP hardware interface
signals are shown by major interface in Figure 7.
The LSD (20463) 32-pin TQFP pin signals are
shown in Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com