Electronic Components Datasheet Search
  English  ▼

X  

P9373 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # P9373
Description  SmartACFL Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

P9373 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button P9373 Datasheet HTML 7Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 8Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 9Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 10Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 11Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 12Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 13Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 14Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
V.90/K56flex Modem Device Sets with SmartDAA Technology for Low Power Applications
SmartACFL
Doc. No. 100444A
Conexant
11
Proprietary Information
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
~ROMSEL
~DPSEL
A16
A15
A14
A13
A12
A11
A10
A9
A8
VDD
A7
A6
A5
A4
A3
A2
A1
A0
TDI
TDO
TMS
TRSTP
TCK
GND
D7
D6
D5
D4
D3
D2
D1
D0
~TST
NVMCLK/TXDCLK
GSMTXD
DAA/GSM
NC
NC
NC
NC
NC
~MRES
~RES
NC
NC
NC
NC
NC
NC
~WRITE
~READ
NC
NC
NC
~HCS
GND
XTLI
VDD
XTLO
GND
NC
~STPMODE
HD0
HD1
HD2
HD3
HD4
HD5
HD6
HD7
NC
~NMI
HA0
HA1
1156F3-5 PO-MCU-Par-128T
Cellular
GSM
RCDSVD
Firmware option
Figure 3. MCU Pin Signals - Parallel Host Interface - 128-Pin TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com