Electronic Components Datasheet Search
  English  ▼

X  

P9373 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # P9373
Description  SmartACFL Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

P9373 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button P9373 Datasheet HTML 13Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 14Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 15Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 16Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 17Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 18Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 19Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 20Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
V.90/K56flex Modem Device Sets with SmartDAA Technology for Low Power Applications
SmartACFL
Doc. No. 100444A
Conexant
17
Proprietary Information
CLK
PWR+
AVDD
DVDD
DGND
AGND
DIB_P
DIB_N
27
31
24
26
25
23
28
29
RAC1
TAC1
EIR
EIC
DAC
TRDC
EIO
EIF
RXG
RXI
TXA
MOVEN (GPIO1)
ZW0
ZUS0
TXO
TXF
DCF
VREF
VC
RBIAS
GPIO2
POR
9
11
15
2
6
5
21
22
4
3
18
32
14
17
20
19
16
8
7
13
1
30
100444A_HIS_20463_Smart ACFL
LINE SIDE DEVICE
(LSD)
20463
32-PIN TQFP
Electronic
Inductor,
Offhook,
Pulse Dial,
and TIP and
RING VI
Control
AGND_LSD
RJ11
Jack
Safety
and
EMI
Protection
AGND_LSD
TIP
RING
Ring In
Filter
AGND_LSD
0.1uF
0.1uF
10 uF
AGND_LSD
Echo
Cancellation
and
Receiver
Impedance
Matching
and
Transmitter
Pulse Dial
Voltage
Protection
(Country
Specific)
GND_LSD
1K
10 pF
0.1uF
0.1uF
1
K
1
K
AGND_LSD
DIGITAL
ISOLATION
BARRIER
(DIB)
PWRCLKP
PWRCLKN
DIB_DATAP
DIB_DATAN
DATA
CHANNEL
10 pF
10 pF
POWER AND
CLOCK
CHANNEL
10
NC
143K
AGND_LSD
VDD
NC
10uF
Figure 7. LSD (20463) 32-Pin TQFP Hardware Interface Signals
MD245F6 PO-20463-32T
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
GPIO2
EIC
RXI
RXG
TRDC
DAC
VC
VREF
AVDD
AGND
EIF
EIO
TXO
TXF
TXA
ZUS0
20463
Figure 8. LSD (20463) 32-Pin TQFP Pin Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com