Electronic Components Datasheet Search
  English  ▼

X  

AP1150ADS50 Datasheet(PDF) 16 Page - Asahi Kasei Microsystems

Part # AP1150ADS50
Description  14V Input / 200mA Output LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1150ADS50 Datasheet(HTML) 16 Page - Asahi Kasei Microsystems

Back Button AP1150ADS50 Datasheet HTML 12Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 13Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 14Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 15Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 16Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 17Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 18Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 19Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 20Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
[AP1150ADSXX]
014011331-E-00
- 16 -
2014/10
12. Definition of term
・
Output Voltage (Vout)
The output voltage is specified with VIN=Vout(typ)+1V , and Iout=5mA.
・Maximum Output Current (Iout
MAX)
The rated output current is specified under the condition where the output voltage drops 0.3V the value specified
with Iout=5mA. The input voltage is set to Vout(typ)+1V and the current is pulsed to minimize temperature effect.
・Dropout Voltage (Vdrop)
The dropout voltage is the difference between the input voltage and the output voltage at which point the regulator
starts to fall out of regulation. Below this value, the output voltage will fall as the input voltage is reduced. It is
dependent upon the load current and the junction temperature.
・Line Regulation (LinReg)
Line regulation is the ability of the regulator to maintain a constant output voltage as the input voltage changes. The
line regulation is specified as the input voltage is changed from VIN=Vout(typ)+1V to VIN= Vout(typ)+6V. It is a
pulse measurement to minimize temperature effect.
・Load Regulation (LoaReg)
Load regulation is the ability of the regulator to maintain a constant output voltage as the load current changes. It is
a pulsed measurement to minimize temperature effects with the input voltage set to VIN=Vout(typ)+1V. The load
regulation is specified output current step conditions of
5mA to 100mA.
・Ripple Rejection (R.R)
Ripple rejection is the ability of the regulator to attenuate the ripple content of the input voltage at the output.
It is specified with 200mVrms, 1kHz super-imposed on the input voltage, where VIN=Vout+1.5V. Ripple
rejection is the ratio of the ripple content of the output vs. input and is expressed in dB.
・Standby Current (Istandby)
Standby current is the current, which flows into the regulator when the output is turned off by the control function
(Vcont=0V).
・
Over Current Sensor
The over current sensor protects the device when there is excessive output current. It also protects the device if the
output is accidentally connected to ground.
・Thermal Sensor
The thermal sensor protects the device in case the junction temperature exceeds the safe value (TJ=150C). This
temperature rise can be caused by external heat, excessive power dissipation caused by large input to output voltage
drops, or excessive output current. The regulator will shut off when the temperature exceeds the safe value. As the
junction temperatures decrease, the regulator will begin to operate again. Under sustained fault conditions, the
regulator output will oscillate as the device turns off then resets. Damage may occur to the device under extreme
fault.
Please reduce the loss of the regulator when this protection operate, by reducing the input voltage or make better heat
efficiency.In the case that the power, VIN  Ishort(Short Circuit Current), becomes more than twice of the maximum
rating of its power dissipation in a moment, there is a possibility that the IC is destroyed before internal thermal
protection works.
・Reverse Voltage Protection
Reverse voltage protection prevents damage due to the output voltage being higher than the input voltage. This fault
condition can occur when the output capacitor remains charged and the input is reduced to zero, or when an external
voltage higher than the input voltage is applied to the output side
Vout
VIN
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com