Electronic Components Datasheet Search
  English  ▼

X  

AP1150ADS50 Datasheet(PDF) 12 Page - Asahi Kasei Microsystems

Part # AP1150ADS50
Description  14V Input / 200mA Output LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1150ADS50 Datasheet(HTML) 12 Page - Asahi Kasei Microsystems

Back Button AP1150ADS50 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 9Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 10Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 11Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 12Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 13Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 14Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 15Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 16Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
[AP1150ADSXX]
014011331-E-00
- 12 -
2014/10
The input capacitor is necessary when the battery is discharged, the power supply impedance increases, or
the line distance to the power supply is long. This capacitor might be necessary on each individual IC even if
two or more regulator ICs are used. It is not possible to determine this indiscriminately. Please confirm the
stability while mounted. The IC provides stable operation with an output side capacitor of
0.1F (Vout2.0V). If it is 0.1F or more over the full range of temperature, either a ceramic capacitor or
tantalum capacitor can be used without considering ESR.
C
IN=0.22 to
0.1
F
C
L=0.22 to
0.1
F
C
NP=0.01F
Figure 2. Recommended components values
VOUT=1.5 to 1.9V
VOUT=2.0V
VOUT=3.0V
VOUT=4.0V
VOUT=5.0V
100
10
1
0.1
0.01
150
0
50
100
I
OUT(mA)
Stable area
C
L=0.1F
100
10
1
0.1
0.01
150
0
50
100
I
OUT(mA)
Stable area
C
L=0.068 F
100
10
1
0.1
0.01
150
0
50
100
I
OUT(mA)
Stable area
C
L=0.068F
100
10
1
0.1
0.01
150
0
50
100
I
OUT(mA)
Stable area
C
L=0.068F
100
10
1
0.1
0.01
150
0
50
100
I
OUT(mA)
Stable area
C
L=0.068F
All stable: CL0.22F All stable: CL0.1F
Figure 3. Stable operation area vs. voltage, current, and ESR
Note 6. Please increase the output capacitor value when the load current is 0.5 mA or less. The stability of the
regulator improves if a big output side capacitor is used (the stable operation area extends.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com