Electronic Components Datasheet Search
  English  ▼

X  

AP1150ADS50 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AP1150ADS50
Description  14V Input / 200mA Output LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1150ADS50 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AP1150ADS50 Datasheet HTML 1Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 2Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 3Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 4Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 5Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
[AP1150ADSXX]
014011331-E-00
- 4 -
2014/10
6. Ordering Information
AP1150ADSXX
Ta = -40 to 85°C
SOT23-5
・ Output Voltage Code
For product name, please check the below chart. Please contact your authorized ASAHI KASEI
MICRODEVICES representative for voltage availability.
AP1150ADSXX
Table 1. Standard Voltage Version, Output Voltage & Voltage Code
XX
VOUT
XX
VOUT
XX
VOUT
15
1.5
33
3.3
50
5.0
18
1.8
40
4.0
54
5.4
30
3.0
45
4.5
-
-
Table 2. Optional Voltage Version, Output Voltage & Voltage Code
XX
VOUT
XX
VOUT
XX
VOUT
XX
VOUT
13
1.3
27
2.7
42
4.2
65
6.5
14
1.4
28
2.8
43
4.3
70
7.0
16
1.6
29
2.9
44
4.4
75
7.5
17
1.7
31
3.1
46
4.6
80
8.0
19
1.9
32
3.2
47
4.7
85
8.5
20
2.0
34
3.4
48
4.8
90
9.0
21
2.1
35
3.5
49
4.9
95
9.5
22
2.2
36
3.6
51
5.1
-
-
23
2.3
37
3.7
52
5.2
-
-
24
2.4
38
3.8
53
5.3
-
-
25
2.5
39
3.9
55
5.5
-
-
26
2.6
41
4.1
60
6.0
-
-
Output voltage code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com