Electronic Components Datasheet Search
  English  ▼

X  

AP1150ADS50 Datasheet(PDF) 14 Page - Asahi Kasei Microsystems

Part # AP1150ADS50
Description  14V Input / 200mA Output LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1150ADS50 Datasheet(HTML) 14 Page - Asahi Kasei Microsystems

Back Button AP1150ADS50 Datasheet HTML 10Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 11Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 12Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 13Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 14Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 15Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 16Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 17Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 18Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
[AP1150ADSXX]
014011331-E-00
- 14 -
2014/10
11.6Board Layout
Figure 5. Layout(PCB Material: Glass epoxy (t=0.8mm))
25
50
100
Pd(mW)
150C
500
0
0
(85C)
-4.0mW/C
Figure 6. Derating curve
Please do derating with 4.0mW/C at Pd=500mW and 25C or more. Thermal resistance (ja) is=250C/W.
The package loss is limited at the temperature that the internal temperature sensor works (about 150C).
Therefore, the package loss is assumed to be an internal limitation. There is no heat radiation characteristic of
the package unit assumed because of the small size. The device being mounted on the PCB carries heat away.
This value changes by the material and the copper pattern etc. of the PCB. The losses are approximately
500mW. Enduring these losses becomes possible in a lot of applications operating at 25C.
The overheating protection circuit operates when there are a lot of losses with the regulator (When outside
temperature is high or heat radiation is bad). The output current cannot be pulled enough and the output
voltage will drop when the protection circuit operates. When the junction temperature reaches 150C, the IC is
shut down. However, operation begins at once when the IC stops operation and the temperature of the chip
decreases.
・How to determine the thermal resistance when mounted on PCB
The thermal resistance when mounted is expressed as follows:
Tj=jaPd+Ta
Tj of IC is set around 150C. Pd is the value when the thermal sensor is activated.
If the ambient temperature is 25C, then:
150=jaPd+25
ja=125/Pd (C /mW)
on/off
VIN
Vout
Np



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com