Electronic Components Datasheet Search
  English  ▼

X  

AP1150ADS50 Datasheet(PDF) 17 Page - Asahi Kasei Microsystems

Part # AP1150ADS50
Description  14V Input / 200mA Output LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1150ADS50 Datasheet(HTML) 17 Page - Asahi Kasei Microsystems

Back Button AP1150ADS50 Datasheet HTML 12Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 13Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 14Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 15Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 16Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 17Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 18Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 19Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 20Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
[AP1150ADSXX]
014011331-E-00
- 17 -
2014/10
13. Recommended External Circuits
■External Circuit
Vin
Cin
To load
0.22F
F
0.01F
CL
Cnp
1
3
2
5
4
Vin
Vout
Np
GND
Vcont
Vcont
Figure 8. External Circuit
■Test Circuit
Vin
Icont
Vcont
Iin
Cin
Iout
Vout
1.0F
1.0F
0.001F
A
V
A
+
+
1
3
2
5
4
Vin
Vout
Np
GND
Vcont
CL
Cnp
Figure 9. Test Circuit
Note 7.
Electrical Characteristics are applied for the test circuit above.
(Cin=1.0F(Tantalum) ,CL=1.0F(Tantalum) , Cnp=0.001F(Ceramic))In the application , both of
ceramic capacitor and tantalum capacitor are available to use as Cin , CL and Cnp at Iout  0.5mA.
VIN
VIN
VIN
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com