Electronic Components Datasheet Search
  English  ▼

X  

AP1150ADS50 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AP1150ADS50
Description  14V Input / 200mA Output LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1150ADS50 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AP1150ADS50 Datasheet HTML 1Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 2Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 3Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 4Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 5Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
[AP1150ADSXX]
014011331-E-00
- 1 -
2014/10
1. Genaral Description
The AP1150ADSxx is a low dropout linear regulator with ON/OFF control, which can supply 200mA load
current. The IC is an integrated circuit with a silicon monolithic bipolar structure. The output voltage, trimmed
with high accuracy, is available from 1.3 to 9.5V in 0.1V steps.
The output capacitor is available to use a small 0.1uF ceramic capacitor (1.8VVout). The over current, thermal
and reverse bias protections are integrated, and also the package is small and thin type. The IC is designed for
space saving requirements.
2. Feature
Available to use a small 0.1uF ceramic capacitor (1.8VV
OUT)
Dropout Voltage
VDROP=120mV at 100mA
High Precision output voltage
1.5% or 50mV
High ripple rejection ratio
80dB at 1kHz
Wide operating voltage range
2.1V to 14V
Very low quiescent current
IQ=63A at Iout=0mA
On/Off control (High active)
Built-in Short circuit protection, thermal shutdown
Built-in reverse bias over current protection
Available very low noise application
Very small surface mount package
SOT23-5
3. Application
Any Electronic Equipment
Battery Powered Systems
Mobile Communication
AP1150ADSXX
14V Input / 200mA Output LDO Regulator


Similar Part No. - AP1150ADS50

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1150ADS50 AKM-AP1150ADS50 Datasheet
720Kb / 20P
14V Input / 200mA Output LDO Regulator
More results

Similar Description - AP1150ADS50

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1150ADSXX AKM-AP1150ADSXX Datasheet
720Kb / 20P
14V Input / 200mA Output LDO Regulator
AP1153ADSXX AKM-AP1153ADSXX Datasheet
1Mb / 30P
14V Input / 100mA Output LDO Regulator
AP1154ADLXX AKM-AP1154ADLXX Datasheet
1Mb / 31P
14V Input / 1A Output LDO Regulator
AP1150ADS33 AKM-AP1150ADS33 Datasheet
720Kb / 20P
14V Input / 200mA Output LDO Regulator
AP1153ADS21 AKM-AP1153ADS21 Datasheet
1Mb / 30P
14V Input / 100mA Output LDO Regulator
AP1153ADS33 AKM-AP1153ADS33 Datasheet
1Mb / 30P
14V Input / 100mA Output LDO Regulator
AP1154ADL21 AKM-AP1154ADL21 Datasheet
1Mb / 31P
14V Input / 1A Output LDO Regulator
AP1154ADL50 AKM-AP1154ADL50 Datasheet
1Mb / 31P
14V Input / 1A Output LDO Regulator
AP1157ADVXX AKM-AP1157ADVXX Datasheet
1Mb / 32P
14V Input / 100mA Output LDO Regulator
logo
Richtek Technology Corp...
RTQ2511-QA RICHTEK-RTQ2511-QA Datasheet
874Kb / 11P
14V, 2A IQ, 200mA LDO Regulator
November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com