Electronic Components Datasheet Search
  English  ▼

X  

AP1150ADS50 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AP1150ADS50
Description  14V Input / 200mA Output LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1150ADS50 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AP1150ADS50 Datasheet HTML 5Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 9Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 10Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 11Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 12Page - Asahi Kasei Microsystems AP1150ADS50 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
[AP1150ADSXX]
014011331-E-00
- 9 -
2014/10
■ Electrical Characteristics of Ta=-40
C~85℃
The parameters with min or max values will be guaranteed at Ta=-40 ~ 85C.
(VIN=Vout(typ)+1V,Vcont=1.8V,Ta=-40~85C)
Parameter
Symbol
Condition
min
typ
max
Unit
Output Voltage
Vout
Iout = 5mA
(Table 5,Table 6)
V
Line Regulation
LinReg
V
IN = 5V
-
0.0
8.0
mV
Load Regulation
LoaReg
Iout = 5mA ~ 100mA
(Table 5,Table 6)
mV
Iout = 5mA ~ 200mA
mV
Dropout Voltage (Note 4)
Vdrop
Iout = 50mA
-
80
180
mV
Iout = 100mA
-
120
270
mV
Iout = 180mA
(2.2V≦Vout≦2.3V)
-
230
390
mV
Iout = 200mA
(2.4V≦Vout)
-
200
390
mV
Maximum Output Current (Note
5)
IoutMAX
Vout=Vout(typ)  0.9
220
320
-
mA
Short Circuit Current (Note 5)
ISHORT
-
360
-
mA
Quiescent Current
Iq
Iout = 0mA
-
63
120
μA
Standby Current
Istandby
Vcont = 0V
-
0.0
0.5
μA
Ground Terminal Current
Ignd
Iout = 50mA
-
1.0
2.2
mA
Vcont Terminal
Vcont Terminal Current
Icont
Vcont = 1.8V
-
5.0
15.0
μA
Vcont Terminal Voltage
Vcont
Vout ON state
1.8
-
-
V
Vout OFF state
-
-
0.35
V
Note 4. For Vout  2.1V, no regulations.
Note 5. The maximum output current is limited by power dissipation.
Table 5. Standard Voltage Version
Part Number
Output Voltage
Load Regulation
Iout = 100mA
Iout = 200mA
min
typ
max
typ
max
typ
max
V
V
V
V
V
mV
V
AP1150ADS15
1.420
1.500
1.580
10
27
21
63
AP1150ADS18
1.720
1.800
1.880
10
28
22
63
AP1150ADS30
2.920
3.000
3.080
11
32
26
83
AP1150ADS33
3.217
3.300
3.383
12
33
27
88
AP1150ADS40
3.900
4.000
4.100
13
36
29
100
AP1150ADS45
4.387
4.500
4.613
13
38
31
109
AP1150ADS50
4.875
5.000
5.125
14
40
33
117
AP1150ADS54
5.265
5.400
5.535
14
41
34
124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com