Electronic Components Datasheet Search
  English  ▼

X  

LMX3305 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX3305
Description  Triple Phase Locked Loop for RF Personal Communications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX3305 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMX3305 Datasheet HTML 1Page - National Semiconductor (TI) LMX3305 Datasheet HTML 2Page - National Semiconductor (TI) LMX3305 Datasheet HTML 3Page - National Semiconductor (TI) LMX3305 Datasheet HTML 4Page - National Semiconductor (TI) LMX3305 Datasheet HTML 5Page - National Semiconductor (TI) LMX3305 Datasheet HTML 6Page - National Semiconductor (TI) LMX3305 Datasheet HTML 7Page - National Semiconductor (TI) LMX3305 Datasheet HTML 8Page - National Semiconductor (TI) LMX3305 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Pin Descriptions
Pin No.
Pin Name
I/O
Description
1
RF_CP
o
O
Charge pump output for RF PLL. For connection to a loop filter for driving the input of
an external VCO.
2
RF_GND
PWR
RF PLL ground.
3
RF_F
IN
I
RF prescaler input. Small signal input from the RF Cellular or PCS VCO.
4
RF_V
CC
PWR
RF PLL power supply voltage. Input may range from 2.7V to 3.6V. Bypass capacitors
should be placed as close as possible to this pin and be connected directly to the
ground plane. Tx V
CC =RxVCC =RFVCC.
5
Lock_Det
O
Multiplexed output of the RF, Rx, and Tx PLL’s analog or digital lock detects. The
outputs from the R, N and Fastlock counters can also be selected for test purposes.
Refer to Section 2.3.4 for more detail.
6
N/C
No Connect.
7
RF_En
I
RF PLL enable pin. A LOW on RF En powers down the RF PLL and TRI-STATE®s the
RF PLL charge pump.
8
Rx_En
I
Rx PLL enable pin. A LOW on Rx En powers down the Rx PLL and TRI-STATEs the
Rx PLL charge pump.
9
Tx_En
I
Tx PLL enable pin. A LOW on Tx En powers down the Tx PLL and TRI-STATEs the
Tx PLL charge pump.
10
Clock
I
High impedance CMOS clock input. Data for the various counters is clocked on the
rising edge into the CMOS input.
11
Data
I
Binary serial data input. Data entered MSB first.
12
LE
I
High impedance CMOS input. When LE goes LOW, data is transferred into the shift
registers. When LE goes HIGH, data is transferred from the internal registers into the
appropriate latches.
13
Tx_F
IN
I
Tx prescaler input. Small signal input from the Tx VCO.
14
Tx_CP
o
O
Charge pump output for Tx PLL. For connection to a loop filter for driving the input of
an external VCO.
15
Tx_GND
Tx PLL ground.
16
Tx_V
CC
PWR
Tx PLL power supply voltage input. Input may range from 2.7V to 3.6V. Bypass
capacitors should be placed as close as possible to this pin and be connected directly
to the ground plane. Tx V
CC =RxVCC =RFVCC.
17
OSC
IN
I
PLL reference input which has a V
CC/2 input threshold and can be driven from an
external CMOS or TLL logic gate. The R counter is clocked on the falling edge of the
OSC
IN signal.
18
Rx_V
CC
PWR
Rx PLL power supply voltage. Input ranges from 2.7V to 3.6V. Bypass capacitors
should be placed as close as possible to this pin and be connected directly to the
ground plane. Tx V
CC =RxVCC =RFVCC.
19
Rx_GND
PWR
Rx PLL ground.
20
Rx_CP
o
O
Charge pump output for Rx PLL. For connection to a loop filter for driving the input of
an external VCO.
21
Rx_F
IN
I
Rx prescaler input. Small signal input from the Rx VCO.
22
RF_Sw1
O
An open drain NMOS output which can be use for bandswitching or Fastlocking the
RF PLL. (During Fastlock mode a second loop filter damping resistor can be switched
in parallel with the first to ground.) Refer to Section 2.5.3 for more detail.
23
RF_Sw2
O
An open drain NMOS output which can be use for bandswitching or Fastlocking the
RF PLL. (During Fastlock mode a second loop filter damping resistor can be switched
in parallel with the first to ground.) Refer to Section 2.5.3 for more detail.
24
V
P
O
RF PLL charge pump power supply. An internal voltage doubler can be enabled in 3V
applications to allow the RF charge pump to operate over a wider tuning range.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com