Electronic Components Datasheet Search
  English  ▼

X  

LMX3305 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX3305
Description  Triple Phase Locked Loop for RF Personal Communications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX3305 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMX3305 Datasheet HTML 1Page - National Semiconductor (TI) LMX3305 Datasheet HTML 2Page - National Semiconductor (TI) LMX3305 Datasheet HTML 3Page - National Semiconductor (TI) LMX3305 Datasheet HTML 4Page - National Semiconductor (TI) LMX3305 Datasheet HTML 5Page - National Semiconductor (TI) LMX3305 Datasheet HTML 6Page - National Semiconductor (TI) LMX3305 Datasheet HTML 7Page - National Semiconductor (TI) LMX3305 Datasheet HTML 8Page - National Semiconductor (TI) LMX3305 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LMX3305
Triple Phase Locked Loop for RF Personal
Communications
General Description
The LMX3305 contains three Phase Locked Loops (PLL) on
a single chip. It has a RF PLL, an IF Rx PLL and an IF Tx
PLL for CDMA applications. The RF fractional-N PLL uses a
16/17/20/21 quadruple modulus prescaler for PCS applica-
tion and a 8/9/12/13 quadruple modulus prescaler for cellular
application.
Both
quadruple
modulus
prescalers
offer
modulo 1 through 16 fractional compensation circuitry. The
RF fractional-N PLL can be programmed to operate from 800
MHz to 1400MHz in cellular band and 1200MHz to 2300
MHz in PCS band. The IF Rx PLL and the IF Tx PLL are
integer-N frequency synthesizers that operate from 45 MHz
to 600 MHz with 8/9 dual modulus prescalers. Serial data is
transferred into the LMX3305 via a microwire interface
(Clock, Data, & LE).
The RF PLL provides a fastlock feature allowing the loop
bandwidth to be increased by 3X during initial lock-on.
The supply voltage of the LMX3305 ranges from 2.7V to
3.6V. It typically consumes 9 mA of supply current and is
packaged in a 24-pin CSP package.
Features
n
Three PLLs integrated on a single chip
n
RF PLL fractional-N counter
n
16/17/20/21 RF quadruple modulus prescaler for PCS
application
n
8/9/12/13 RF quadruple modulus prescaler for cellular
application
n
2.7V to 3.6V operation
n
Low current consumption: I
CC = 9 mA (typ) at 3.0V
n
Programmable or logical power down mode: I
CC =
10 µA (typ) at 3.0V
n
RF PLL Fastlock feature with timeout counter
n
Digital lock detect
n
Microwire Interface with data preset
n
24-pin CSP package
Applications
n
CDMA Cellular telephone systems
Block Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS101361-1
PRELIMINARY
August 2000
© 2000 National Semiconductor Corporation
DS101361
www.national.com


Similar Part No. - LMX3305

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX3305 NSC-LMX3305 Datasheet
627Kb / 26P
Triple Phase Locked Loop for RF Personal Communications
LMX3305SLBX NSC-LMX3305SLBX Datasheet
627Kb / 26P
Triple Phase Locked Loop for RF Personal Communications
LMX3305 NSC-LMX3305_09 Datasheet
627Kb / 26P
Triple Phase Locked Loop for RF Personal Communications
More results

Similar Description - LMX3305

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2315 NSC-LMX2315 Datasheet
409Kb / 22P
Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
PLLatinum??Frequency Synthesizer for RF Personal Communications
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
PHASE-LOCKED LOOP
logo
National Semiconductor ...
LMX3305 NSC-LMX3305_09 Datasheet
627Kb / 26P
Triple Phase Locked Loop for RF Personal Communications
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
PHASE LOCKED LOOP
PSA3180C ZCOMM-PSA3180C Datasheet
93Kb / 2P
PHASE LOCKED LOOP
PSA5000A ZCOMM-PSA5000A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com