Electronic Components Datasheet Search
  English  ▼

X  

LMX3305 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX3305
Description  Triple Phase Locked Loop for RF Personal Communications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX3305 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMX3305 Datasheet HTML 2Page - National Semiconductor (TI) LMX3305 Datasheet HTML 3Page - National Semiconductor (TI) LMX3305 Datasheet HTML 4Page - National Semiconductor (TI) LMX3305 Datasheet HTML 5Page - National Semiconductor (TI) LMX3305 Datasheet HTML 6Page - National Semiconductor (TI) LMX3305 Datasheet HTML 7Page - National Semiconductor (TI) LMX3305 Datasheet HTML 8Page - National Semiconductor (TI) LMX3305 Datasheet HTML 9Page - National Semiconductor (TI) LMX3305 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Charge Pump Current Specification Definitions
DS101361-4
I1 = CP sink current at VDo =VP − ∆V
I2 = CP sink current at VDo =VP/2
I3 = CP sink current at VDo = ∆V
I4 = CP source current at VDo =VP − ∆V
I5 = CP source current at VDo =VP/2
I6 = CP source current at VDo = ∆V
∆V = Voltage offset from positive and negative rails. Dependent on VCO tuning range relative to VCC and ground. Typical values are between 0.5V and 1.0V.
1. IDo vs VDo = Charge Pump Output Current magnitude variation vs Voltage =
[1⁄2 * {|I1| − |I3|}] / [1⁄2 * {|I1| + |I3|}] * 100% and [1⁄2 * {|I4| − |I6|}] / [1⁄2 * {|I4| + |I6|}] * 100%
2. IDo-sink vs IDo-source = Charge Pump Output Current Sink vs Source Mismatch =
[|I2| − |I5|] / [1⁄2 * {|I2| + |I5|}] * 100%
3. IDo vs TA = Charge Pump Output Current magnitude variation vs Temperature =
[|I2 @ temp| − |I2 @ 25˚C|] / |I2 @ 25˚C| * 100% and [|I5 @ temp| − |I5 @ 25˚C|] / |I5 @ 25˚C| * 100%
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com