Electronic Components Datasheet Search
  English  ▼

X  

LMX3305 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX3305
Description  Triple Phase Locked Loop for RF Personal Communications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX3305 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LMX3305 Datasheet HTML 14Page - National Semiconductor (TI) LMX3305 Datasheet HTML 15Page - National Semiconductor (TI) LMX3305 Datasheet HTML 16Page - National Semiconductor (TI) LMX3305 Datasheet HTML 17Page - National Semiconductor (TI) LMX3305 Datasheet HTML 18Page - National Semiconductor (TI) LMX3305 Datasheet HTML 19Page - National Semiconductor (TI) LMX3305 Datasheet HTML 20Page - National Semiconductor (TI) LMX3305 Datasheet HTML 21Page - National Semiconductor (TI) LMX3305 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
2.0 Programming Description (Continued)
2.5.1 8-Bit RF Programming Reference Divider Ratio (RF R Counter)
Divide Ratio
RF_R_CNTR [7:0]
2
00000010
3
00000011
•
••••••••
255
11111111
Divide ratio for RF R counter is from 2 to 255.
2.5.2 FSTL_CNTR (RF_R[20]-[14])
The Fastlock Timeout Counter is a 10 bit counter wherein only the seven MSB bits are programmable. (The number of phase de-
tector cycles the fastlock mode remains in HIGH gain is the binary FSTL_CNTR value loaded multiplied by eight.)
Phase Detect Cycles
FSTL_CNTR [6:0]
24
0000011
32
0000100
•
•••••••
1008
1111110
1016
1111111
2.5.3 FSTM (RF_R[13]-[12]) and FSTSW (RF_R[11]-[10])
Fastlock enables the designer to achieve both fast frequency transitions and good phase noise performance by dynamically
changing the PLL loop bandwidth. The Fastlock modes allow wide band PLL fast locking with seamless transition to a low phase
noise narrow band PLL. Consistent gain and phase margins are maintained by simultaneously changing charge pump current
magnitude and loop filter damping resistor. In the LMX3305, the RF fastlock can achieve substantial improvement in lock time by
increasing the charge pump current by 4X, 7X or 9X, which causes a 2X, 2.6X or 3X increase in the loop bandwidth respectively.
The damping resistors are connected to FSTSW pins.
When bit FSTM2 and/or FSTM1 is set HIGH, the RF fastlock is enabled. As a new frequency is loaded, RF_Sw2 pin and/or
RF_Sw1 pin goes to a LOW state to switch in the damping resistors, the RF CP
o is set to a higher gain, and fastlock timeout
counter starts counting. Once the timeout counter finishes counting, the PLL returns to its normal operation (the Icpo gain is
forced to 100 µA irrespective of RF_Icpo bits).
When bit FSTM2 and/or FSTM1 is set LOW, pins RF_Sw2 and/or RF_Sw1 can be toggled HIGH or LOW to drive other devices.
RF_Sw2 and/or RF_Sw1 can also be set LOW to switch in different damping resistors to change the loop filter performance.
FSTSW bits control the output states of the RF_Sw2 and RF_Sw1 pins.
RF_R[12] FSTM1
RF_R[10] FSTSW1
RF_Sw1 Output Function
0
0
RF_Sw1 pin reflects RF_SwBit “0” logic state
0
1
RF_Sw1 pin reflects RF_SwBit “1” logic state
1
x
RF_Sw1 pin LOW while T.O. counter is active
RF_R[13] FSTM2
RF_R[11] FSTSW2
RF_Sw2 Output Function
0
0
RF_Sw2 pin reflects RF_SwBit “0” logic state
0
1
RF_Sw2 pin reflects RF_SwBit “1” logic state
1
x
RF_Sw2 pin LOW while T.O. counter is active
2.5.4 FRAC_CAL (RF_R[9]-[5])
These five bits allow the users to optimize the fractional circuitry, therefore reducing the fractional reference spurs. The MSB bit,
RF_R[9], activates the other four calibration bits RF_R[8]-[5]. These four bits can be adjusted to improve fractional spur. Improve-
ments can be made by selecting the bits to be one greater or less than the denominator value. For example, in the 1/16 fractional
mode, these four bits can be programmed to 15 or 17. In normal operation, these bits should be set to zero.
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com