Electronic Components Datasheet Search
  English  ▼

X  

LMX3305 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX3305
Description  Triple Phase Locked Loop for RF Personal Communications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX3305 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMX3305 Datasheet HTML 1Page - National Semiconductor (TI) LMX3305 Datasheet HTML 2Page - National Semiconductor (TI) LMX3305 Datasheet HTML 3Page - National Semiconductor (TI) LMX3305 Datasheet HTML 4Page - National Semiconductor (TI) LMX3305 Datasheet HTML 5Page - National Semiconductor (TI) LMX3305 Datasheet HTML 6Page - National Semiconductor (TI) LMX3305 Datasheet HTML 7Page - National Semiconductor (TI) LMX3305 Datasheet HTML 8Page - National Semiconductor (TI) LMX3305 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Electrical Characteristics (Continued)
(V
CC =VP = 3V, −30˚C < TA < 85˚C except as specified)
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
DIGITAL INPUTS AND OUTPUTS
t
CS
Data to Clock Setup Time
50
ns
t
CH
Data to Clock Hold Time
10
ns
t
CWH
Clock Pulse Width High
50
ns
T
CWL
Clock Pulse Width Low
50
ns
t
ENSL
Clock to Load_En Setup Time
50
ns
t
ENW
Load_En Pulse Width
50
ns
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended Operating Conditions indicate conditions for which
the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Char-
acteristics.
Note 2: This device is a high performance RF integrated circuit and is ESD sensitive. Handling and assembly of this device should be done on ESD protected work-
stations.
Note 3: PLL VCC represents RF VCC,Tx VCC and Rx VCC collectively.
Note 4: Guaranteed by design. Not tested in production.
Note 5: INOM = 100 µA, 400 µA, 700 µA or 900 µA for RF charge pump.
Note 6: For RF charge pump, 0.5
≤ VDo ≤ VP - 0.5; for IF charge pump, 0.5 ≤ VDo ≤ VCC - 0.5.
Note 7: For RF charge pump, VDo =VP/2, for IF charge pump, VDo =VCC/2.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com