Electronic Components Datasheet Search
  English  ▼

X  

LMX3305 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX3305
Description  Triple Phase Locked Loop for RF Personal Communications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX3305 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMX3305 Datasheet HTML 1Page - National Semiconductor (TI) LMX3305 Datasheet HTML 2Page - National Semiconductor (TI) LMX3305 Datasheet HTML 3Page - National Semiconductor (TI) LMX3305 Datasheet HTML 4Page - National Semiconductor (TI) LMX3305 Datasheet HTML 5Page - National Semiconductor (TI) LMX3305 Datasheet HTML 6Page - National Semiconductor (TI) LMX3305 Datasheet HTML 7Page - National Semiconductor (TI) LMX3305 Datasheet HTML 8Page - National Semiconductor (TI) LMX3305 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Absolute Maximum Ratings (Notes 1, 2)
Power Supply Voltage (PLL V
CC)
(Note 3)
−0.3V to +6.5V
Supply Voltage (V
P)
−0.3V to +6.5V
Voltage on any Pin with
GND=0V (V
I)
−0.3V to V
CC +0.3V
Storage Temperature Range (T
S)
−65˚C to +150˚C
Lead Temp. (solder, 4 sec.) (T
L)
+240˚C
ESD - Whole Body Model (Note 2)
2 kV
Recommended Operating
Conditions (Note 1)
Power Supply Voltage (PLL V
CC)
(Note 3)
2.7V to 3.6V
Supply Voltage (V
P) (Note 3)
PLL V
CC to 5.5V
Operating Temperature (T
A)
−30˚C to +85˚C
Electrical Characteristics
(V
CC =VP = 3V, −30˚C < TA < 85˚C except as specified)
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
GENERAL
I
CC
Power Supply Current
RF = On, Rx = On, Tx = On
2.7V
≤ V
CC ≤ 3.6V
9.0
15
mA
I
CC-PWDN
Power Down Current
10
75
µA
f
IN
PCS Operating Frequency
1200
2300
MHz
Cellular Operating Frequency
800
1400
IF Operating Frequency (Rx, Tx)
45
600
f
OSC
Oscillator Frequency
19.68
25
MHz
fφ
Phase Detector Frequency
10
MHz
Pf
IN
PCS/Cellular/IF Input Sensitivity
2.7V
≤ V
CC ≤ 3.6V
−15
+0
dBm
Pf
OSC
Oscillator Sensitivity
0.5
V
CC
V
PP
RF PN
RF Phase Noise
F
OUT = 1 GHz
−70
dBc/Hz
IF PN
IF Phase Noise
−70
Fractional Spur @ 10 kHz
1 kHz Loop Filter (Note 4)
−50
dBc
Fractional Spur Harmonic
Attenuate 6 dB/OCT
after 10 kHz
dBc
Tsw
Switching Speed
1 kHz Loop Filter, 60 MHz Jump to
Within 1 kHz
4.0
ms
CHARGE PUMP
RF I
Do
Source
RF Charge Pump Source Current
V
Do =VP/2 (Note 5)
−22
I
NOM
22
%
RF I
Do
Sink
RF Charge Pump Sink Current
V
Do =VP/2 (Note 5)
−22
I
NOM
22
%
IF I
Do
Source
IF Charge Pump Source Current
V
Do =VCC/2 (Note 5)
80
100
120
µA
IF I
Do Sink
IF Charge Pump Sink Current
V
Do =VCC/2 (Note 5)
−80
−100
−120
µA
I
Do-TRI
Charge Pump TRI-STATE Current
(Note 6)
1000
pA
I
Do Sink
vs I
Do
Source
Charge Pump Sink vs Source Mismatch
T
A = 25˚C (Note 7)
310
%
I
Do vs VDo
Charge Pump Current vs Voltage
T
A = 25˚C (Note 6)
8
15
%
I
Do vs TA
Charge Pump Current vs Temperature
(Note 7)
5
10
%
DIGITAL INPUTS AND OUTPUTS
V
IH
High-Level Input Voltage
V
CC = 2.7V to 3.6V
0.8 V
CC
V
V
IL
Low-Level Input Voltage
V
CC = 2.7V to 3.6V
0.2 V
CC
V
V
OL
Low-Level Output Voltage
I
OL = 2 mA
0.4
V
I
IH
High-Level Input Current
V
IH =VCC = 3.6V
−1.0
1.0
µA
I
IL
Low-Level Input Current
V
IL = 0V, VCC = 3.6V
−1.0
1.0
µA
I
IH
OSC
IN High-Level Input Current
V
IH =VCC = 3.6V
100
µA
I
IL
OSC
IN Low-Level Input Current
V
IL = 0V, VCC = 3.6V
−100
µA
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com