Electronic Components Datasheet Search
  English  ▼

X  

LMX3305 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX3305
Description  Triple Phase Locked Loop for RF Personal Communications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX3305 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LMX3305 Datasheet HTML 16Page - National Semiconductor (TI) LMX3305 Datasheet HTML 17Page - National Semiconductor (TI) LMX3305 Datasheet HTML 18Page - National Semiconductor (TI) LMX3305 Datasheet HTML 19Page - National Semiconductor (TI) LMX3305 Datasheet HTML 20Page - National Semiconductor (TI) LMX3305 Datasheet HTML 21Page - National Semiconductor (TI) LMX3305 Datasheet HTML 22Page - National Semiconductor (TI) LMX3305 Datasheet HTML 23Page - National Semiconductor (TI) LMX3305 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
2.0 Programming Description (Continued)
2.6.3 FRAC_D (RF_N[9]-[6])
These four bits, the fractional accumulator modulus denominator, set the fractional denominator from 1/2 to 1/16 resolution.
Modulus Denominator
FRAC_D [3:0]
1-8
Not Allowed
9
1001
10-14
••••
15
1111
16
0000
MODULUS NUMERATOR (FRAC_N) AND DENOMINATOR (FRAC_D) PROGRAMMING
Fractional
Numerator
(FRAC_N)
RF_N[13]-[10]
Fractional Denominator, (FRAC_D)
RF_N[9]-[6]
1
2345
6
7
8
9
10
11
12
13
14
15
16
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
0000
0=0000
Functions like an integer-N PLL as fractional component is set to 0.
1=0001
*(8/16) *(5/15) *(4/16) *(3/15) *(2/12) *(2/14) *(2/16)
1/9
1/10
1/11
1/12
1/13
1/14
1/15
1/16
2=0010
*(10/15) *(8/16) *(6/15) *(4/12) *(4/14) *(4/16)
2/9
2/10
2/11
2/12
2/13
2/14
2/15
2/16
3=0011
*(12/16) *(9/15) *(6/12) *(6/14) *(6/16)
3/9
3/10
3/11
3/12
3/13
3/14
3/15
3/16
4=0100
*(12/15) *(8/12) *(8/14) *(8/16)
4/9
4/10
4/11
4/12
4/13
4/14
4/15
4/16
5=0101
*(10/12) *(10/14) *(10/16)
5/9
5/10
5/11
5/12
5/13
5/14
5/15
5/16
6=0110
*(12/14) *(12/16)
6/9
6/10
6/11
6/12
6/13
6/14
6/15
6/16
7=0111
*(14/16)
7/9
7/10
7/11
7/12
7/13
7/14
7/15
7/16
8=1000
FRAC_D values between 1 to 8 are not allowed.
8/9
8/10
8/11
8/12
8/13
8/14
8/15
8/16
9=1001
9/10
9/11
9/12
9/13
9/14
9/15
9/16
10=1010
10/11
10/12
10/13
10/14
10/15
10/16
11=1011
11/12
11/13
11/14
11/15
11/16
12=1100
12/13
12/14
12/15
12/16
13=1101
13/14
13/15
13/16
14=1110
14/15
14/16
15=1111
15/16
Remark: The *(FRAC_N / FRAC_D) denotes that the fraction number can be represented by (FRAC_N / FRAC_D) as indicated in the parenthesis. For example,
1/2 can be represented by 8/16.
2.6.4 FBPS (RF_N[5])
This bit when set to one will bypass the delay line calculation used in the fractional circuitry. This will improve the phase noise
while sacrificing performance on reference spurs. When the bit is set to zero, the delay line circuit is in effect to reduce reference
spur.
2.6.5 PCS (RF_N[4])
This bit will determine whether the RF PLL should operate in PCS frequency range or cellular frequency range. When the bit is
set to one, the RF PLL will operate in the PCS mode and when it is set to zero, the cellular mode.
2.6.6 RF_PWDN (RF_N[3])
This bit will asynchronously powerdown the RF PLL when set to one. For normal operation, it should be set to zero.
2.6.7 Test (RF_N[2]-[0])
These bits are the internal factory testing only. They should be set to zero for normal operation.
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com