Electronic Components Datasheet Search
  English  ▼

X  

MTV030 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # MTV030
Description  On-Screen Display with Auto-Sizing Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTV030 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button MTV030 Datasheet HTML 13Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 14Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 15Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 16Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 17Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 18Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 19Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 20Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
21/21
MTV030 Revision 1.0 10/15/1999
MTV030
MYSON
TECHNOLOGY
9.2 20 Pin 300mil
9.3 24 Pin 300mil
10.0 CHARACTERS AND SYMBOLS PATTERN
Please see the attachment.
75 +/-20
90 +/-20
250 +/-4
55 +/-20
90 +/-20
312 +/-12
65 +/-4
55 +/-4
310Max
350 +/-20
10
R10Max
(4X
)
100Typ
18 +/-2Typ
60 +/-5Typ
115 Min
1020 +/-10
15 Min
35 +/-5
7
Typ
15 Max
R40
930+/-10
R40
55+/-20
312+/-12
R10Max
(4X)
80+/-20
250+/-4
350+/-20
10
18+/-
2Typ
60+/-
5Typ
15Min.
15Max
115Min
100Ty
p
35+/-5
7Ty
p
1245+/-10
65+/-4
65+/-4
Myson Technology USA, Inc.
http://www.myson.com
20111 Stevens Creek Blvd. #138 Cupertino, Ca. 95014, U.S.A.
Tel:408-252-8788
FAX: 408-252-8789
Sales@myson.com
Myson Technology, Inc.
http://www.myson.com.tw
No. 2, Industry E. Rd. III, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
Tel: 886-3-5784866
Fax: 886-3-5785002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com