Electronic Components Datasheet Search
  English  ▼

X  

MTV030 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MTV030
Description  On-Screen Display with Auto-Sizing Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTV030 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MTV030 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2/21
MTV030 Revision 1.0 10/15/1999
MTV030
MYSON
TECHNOLOGY
1.0 PIN CONNECTION
2.0 PIN DESCRIPTIONS
Name
I/O
Pin No.
Descriptions
N16
N201 N202
N24
VSSA
-
1
1
1
1
Analog ground. This ground pin is used to internal analog cir-
cuitry.
VCO
I/O
2
2
2
2
Voltage Control Oscillator. This pin is used to control the
internal oscillator frequency by DC voltage input from external
low pass filter.
RP
I/O
3
3
3
3
Bias Resistor. The bias resistor is used to regulate the appro-
priate bias current for internal oscillator to resonate at specific
dot frequency.
VDDA
-
4
4
4
4
Analog power supply. Positive 5 V DC supply for internal
analog circuitry. And a 0.1uF decoupling capacitor should be
connected across to VDDA and VSSA.
HFLB
I
5
5
5
5
Horizontal input. This pin is used to input the horizontal syn-
chronizing signal. It is a leading edge triggered and has an
internal pull-up resistor.
VSSA
VCO
RP
VDDA
HFLB
SSB
SDA
SCK
VSS
ROUT
GOUT
BOUT
FBKG
INT
VFLB
VDD
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VSSA
VCO
RP
VDDA
HFLB
SSB
SDA
SCK
RIN
GIN
BIN
PWM0
VSS
ROUT
GOUT
BOUT
FBKG
INT
VFLB
VDD
PWM4
PWM3
PWM2
PWM1
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
VSSA
VCO
RP
VDDA
HFLB
SSB
SDA
SCK
PWM0
PWM1
VSS
ROUT
GOUT
BOUT
FBKG
INT
VFLB
VDD
PWM3
PWM2
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
VSSA
VCO
RP
VDDA
HFLB
SSB
SDA
SCK
RIN
GIN
VSS
ROUT
GOUT
BOUT
FBKG
INT
VFLB
VDD
NC
BIN
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com