Electronic Components Datasheet Search
  English  ▼

X  

MTV030 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MTV030
Description  On-Screen Display with Auto-Sizing Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTV030 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MTV030 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 11Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 12Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 13Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 14Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11/21
MTV030 Revision 1.0 10/15/1999
MTV030
MYSON
TECHNOLOGY
tents of CH4-CH0 is greater than or equal to 18, it will be regarded as equal to 17. See Table 2
and Table 3 for detail description of this operation.
HORR - Specify the resolution of a horizontal display line, and the increment of each step is 12 dots. That is,
the pixels' number per H line equal to HORR*12. It is recommended that HORR should be greater
than or equal to 36 and smaller than 150M / (Hfreq*12). The initial value is 40 after power up.
RSPACE - Define the row to row spacing in unit of horizontal line. That is, extra RSPACE horizontal lines will
be appended below each display row, and the maximum space is 31 lines. The initial value is 0
after power up.
OSDEN - Activate the OSD operation when this bit is set to "1". The initial value is 0 after power up.
BSEN - Enable the bordering and shadowing effect.
SHADOW - Bordering and shadowing effect select bit. Activate the shadowing effect if this bit is set, otherwise
the bordering is chosen.
FBEN - Enable the fade-in/fade-out and blending-in/blending-out effect when OSD is turned on from off state
or vice verca.
BLEND - Fade-in/fade-out and blending-in/blending-out effect select bit. Activate the blending-in/blending-out
function if this bit is set, otherwise the fade-in/fade-out function is chosen. These function roughly
takes about 0.5 second to fully display the whole menu or to disappear completely.
WENCLR - Clear all WEN bits of window control registers when this bit is set to "1". The initial value is 0 after
power up.
RAMCLR - Clear all ADDRESS bytes, BGR, BGG, BGB and BLINK bits of display registers when this bit is set
to "1". The initial value is 0 after power up.
FBKGC - Define the output configuration for FBKG pin. When it is set to "0", the FBKG outputs high during the
displaying of characters or windows, otherwise, it outputs high only during the displaying of charac-
ter.
TRIC - Define the driving state of output pins ROUT, GOUT, BOUT and FBKG when OSD is disabled. That is,
while OSD is disabled, these four pins will drive low if this bit is set to 1, otherwise these four pins are
in high impedance state. The initial value is 0 after power up.
Column 15
b7
b6
b5
b4
b3
b2
b1
b0
-
HORR
MSB
LSB
Column 16
b7
b6
b5
b4
b3
b2
b1
b0
-
-
-
RSPACE
MSB
LSB
Column 17
b7
b6
b5
b4
b3
b2
b1
b0
OSDEN
BSEN
SHADOW
FBEN
BLEND
WENCLR
RAMCLR
FBKGC
Column 18
B7
b6
b5
b4
b3
b2
b1
b0
TRIC
FSS
VMEN
SELVCL
HSP
VSP
VCO1
VCO0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com