Electronic Components Datasheet Search
  English  ▼

X  

MTV030 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # MTV030
Description  On-Screen Display with Auto-Sizing Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTV030 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button MTV030 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 11Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 12Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 13Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 14Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 15Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 16Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13/21
MTV030 Revision 1.0 10/15/1999
MTV030
MYSON
TECHNOLOGY
CSR, CSG, CSB - Define the color of bordering or shadowing on characters. The initial value is (0, 0, 0) after
power up.
FSW - Enable full screen self-test pattern and force the FBKG pin output to high to disable video RGB while
this bit is set to "1". The self-test pattern’s color is determined by (FSR, FSG, FSB) bits.
FSR, FSG, FSB - Define the color of full screen self-test pattern.
WW41, WW40 - Determines the shadow width of the window 4 when WSHD bit of th window 4 is enabled.
Please refer to the Table 6 for more details.
TABLE 6. Shadow Width Setting
WW31, WW30 - Determines the shadow width of the window 3 when WSHD bit of th window 3 is enabled.
WW21, WW20 - Determines the shadow width of the window 2 when WSHD bit of th window 2 is enabled.
WW11, WW10 - Determines the shadow width of the window 1 when WSHD bit of th window 1 is enabled.
WH41, WH40 - Determines the shadow height of the window 4 when WSHD bit of th window 4 is enabled.
Please refer to the Table 7 for more details.
TABLE 5. PWMCK Frequency and PWMDA sampling rate
(VCO1, VCO0)
PWMCK Freq (14M ~ 28MHz)
PWMDA sampling rate (54K ~ 109KHz)
( 0, 0 )
HFLB Freq * HORR * 12
HFLB Freq * HORR * 12 / 256
( 0, 1 )
HFLB Freq * HORR * 6
HFLB Freq * HORR * 6 / 256
( 1, 0 )
HFLB Freq * HORR * 3
HFLB Freq * HORR * 3 / 256
( 1 ,1 )
HFLB Freq * HORR * 3 / 2
HFLB Freq * HORR * 3 / 512
Column 19
B7
b6
b5
b4
b3
b2
b1
b0
-
-
-
-
-
CSR
CSG
CSB
Column 20
B7
b6
b5
b4
b3
b2
b1
b0
FSW
-
-
-
-
FSR
FSG
FSB
Column 21
B7
b6
b5
b4
b3
b2
b1
b0
WW41
WW40
WW31
WW30
WW21
WW20
WW11
WW10
(WW41, WW40)
(0, 0)
(0, 1)
(1, 0)
(1, 1)
Shadow Width
(unit in Pixel)
2
4
6
8
Column 22
B7
b6
b5
b4
b3
b2
b1
b0
WH41
WH40
WH31
WH30
WH21
WH20
WH11
WH10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com