Electronic Components Datasheet Search
  English  ▼

X  

MTV030 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # MTV030
Description  On-Screen Display with Auto-Sizing Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTV030 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button MTV030 Datasheet HTML 12Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 13Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 14Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 15Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 16Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 17Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 18Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 19Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16/21
MTV030 Revision 1.0 10/15/1999
MTV030
MYSON
TECHNOLOGY
All these measurements commence at the following VFLB pulse after enabling VMEN bit, complete the meas-
urement after one vertical frame, so minimum delay 2 vertical frame time after enabling VMEN bit is needed to
read out the measurement data. The horizontal measurement for R,G,BIN will store the minimum start loca-
tion and the maximum ending location in one vertical frame into registers. All of the input signals for timing
measurement are polarity programmable, so the different phase measurement can be obtained.
Auto sizing video measurement data bytes : read only registers
b1 ~ b0 : The most significant 2 bits of Dhrgbsta which represents the distance between the first active edge
of R,G,BIN input and reference HFLB leading edge. See Figure 10.
b7 ~ b0 : The least significant 8 bits of Dhrgbsta which represents the distance between the first active edge
of R,G,BIN input and reference HFLB leading edge. See Figure 10.
b1 ~ b0 : The most significant 2 bits of Dhrgbend which represents the distance between the last active edge
of R,G,BIN input and reference HFLB leading edge. See Figure 10.
b7 ~ b0 : The least significant 8 bits of Dhrgbend which represents the distance between the last active edge
of R,G,BIN input and reference HFLB leading edge. See Figure 10.
b2 ~ b0 : The most significant 3 bits of Dvrgbsta which represents the H line distance between the first active
line of R,G,BIN input and reference VFLB leading edge. See Figure 10.
b7 ~ b0 : The least significant 8 bits of Dvrgbsta which represents the H line distance between the first active
line of R,G,BIN input and reference VFLB leading edge. See Figure 10.
Byte 0
B7
b6
b5
b4
b3
b2
b1
b0
-
-
-
-
-
-
Dhrgbsta
MSB
Byte 1
B7
b6
b5
b4
b3
b2
b1
b0
Dhrgbsta
LSB
Byte 2
B7
b6
b5
b4
b3
b2
b1
b0
-
-
-
-
-
-
Dhrgbend
MSB
Byte 3
B7
b6
b5
b4
b3
b2
b1
b0
Dhrgbend
LSB
Byte 4
B7
b6
b5
b4
b3
b2
b1
b0
-
-
-
-
-
Dvrgbsta
MSB
Byte 5
B7
b6
b5
b4
b3
b2
b1
b0
Dvrgbsta
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com