Electronic Components Datasheet Search
  English  ▼

X  

MTV030 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MTV030
Description  On-Screen Display with Auto-Sizing Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTV030 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MTV030 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 11Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 12Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9/21
MTV030 Revision 1.0 10/15/1999
MTV030
MYSON
TECHNOLOGY
3.7 Character ROM
MTV030 character ROM contains 512 built-in characters and symbols including 496 standard fonts and 16
multi-color fonts. The 496 standard fonts are located from address 0 to 495. And the 16 multi-color fonts are
located from address 496 to 511. Each character and symbol consists of 12x18 dots matrix. The detail pattern
structures for each character and symbols are shown in “CHARACTERS AND SYMBOLS PATTERN” on
page 21.
3.8 Multi-Color Font
The color fonts comprises three different R, G, B fonts. When the code of color font is accessed, the separate
R/G/B dot pattern is output to corresponding R/G/B output. See Figure 6 for the sample displayed color font.
Note: No black color can defined in color font, black window underline the color font can make the dots
become black in color. The detail pattern structures for each character and symbols are shown in “CHARAC-
TERS AND SYMBOLS PATTERN” on page 21.
TABLE 4. The Multi-Color Font Color Selection
3.9 Luminance & border generator
There are 3 shift registers included in the design which can shift out of luminance and border dots to color
encoder. The bordering and shadowing feature is configured in this block. For bordering effect, the character
will be enveloped with blackedge on four sides. For shadowing effect, the character is enveloped with
blackedge for right and bottom sides only.
R
G
B
Background Color
0
0
0
Blue
0
0
1
Green
0
1
0
Cyan
0
1
1
Red
1
0
0
Magent
1
0
1
Yellow
1
1
0
White
1
1
1
R
G
B
Magent
Green
Cyan
Blue
FIGURE 6. Example of Multi-Color Font



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com