Electronic Components Datasheet Search
  English  ▼

X  

MTV030 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # MTV030
Description  On-Screen Display with Auto-Sizing Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTV030 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button MTV030 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 11Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 12Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 13Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 14Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 15Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12/21
MTV030 Revision 1.0 10/15/1999
MTV030
MYSON
TECHNOLOGY
FSS - Font size selection.
= 1
⇒ 12x18 font size selected.
= 0
⇒ 12x16 font size selected.
VMEN - Auto sizing video measurement enable bit. All video measurements commence at the following VFLB
pulse after the VMEN bit is set, complete the measurement after one vertical frame.
SELVCL - Enable auto detection for horizontal and vertical syncs input edge distorition to avoid unstable
Vsync leading mismatch with Hsync signal while the bit is set to "1". The initial value is 0 after
power up.
HSP -
= 1
⇒ Accept positive polarity Hsync input.
= 0
⇒ Accept negative polarity Hsync input.
VSP -
= 1
⇒ Accept positive polarity Vsync input.
= 0
⇒ Accept negative polarity Vsync input.
VCO1, VCO0 - Select the appropriate curve partitions of VCO frequency to voltage based on HFLB input and
horizontal resolution register (HORR).
= (0, 0)
⇒
6 MHz < Pixel rate < 28 MHz
= (0, 1)
⇒
28 MHz < Pixel rate < 56 MHz
= (1, 0)
⇒
56 MHz < Pixel rate < 112 MHz
= (1, 1)
⇒
112 MHz < Pixel rate < 150 MHz
where Pixel rate = VCLK Freq = HFLB Freq * HORR * 12
The initial value is (0, 0) after power up.
Notes :
1. That is, if HORR is specified, then (VCO1, VCO0)
= (0, 0) if
6000/(HORR * 12) < HFLB Freq (KHz) < 28000/(HORR * 12)
= (0, 1) if
28000/(HORR * 12) < HFLB Freq (KHZ) < 56000/(HORR * 12)
= (1, 0) if
56000/(HORR * 12) < HFLB Freq (KHZ) < 112000/(HORR * 12)
= (1, 1) if 112000/(HORR * 12) < HFLB Freq (KHZ) < 150000/(HORR * 12)
2. It is necessary to wait for the PLL to become stable while (i) the HORR register is changed; (ii) the (VCO1, VCO0)
bits is changed; (iii) the horizontal signal (HFLB) is changed.
3. When PLL is unstable, don't write data in any address except Column 15,17,18 of Row 15. If data is written in any
other address, a malfunction may occur.
Fonts designed to be 12x18 display
FIGURE 7. 12x18 and 12x16 Fonts
Output display if FSS=0; first and last lines omitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com