Electronic Components Datasheet Search
  English  ▼

X  

TMS55165 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS55165
Description  262144 BY 16-BIT MULTIPORT VIDEO RAM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS55165 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS55165 Datasheet HTML 5Page - Texas Instruments TMS55165 Datasheet HTML 6Page - Texas Instruments TMS55165 Datasheet HTML 7Page - Texas Instruments TMS55165 Datasheet HTML 8Page - Texas Instruments TMS55165 Datasheet HTML 9Page - Texas Instruments TMS55165 Datasheet HTML 10Page - Texas Instruments TMS55165 Datasheet HTML 11Page - Texas Instruments TMS55165 Datasheet HTML 12Page - Texas Instruments TMS55165 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
TMS55165, TMS55166, TMS55175, TMS55176
262144 BY 16-BIT MULTIPORT VIDEO RAM
SMVS463 – DECEMBER 1995
9
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Table 3. Pin Description Versus Operational Mode
PIN
DRAM
TRANSFER
SAM
A0 – A8
Row, column address
Row address, tap point
RAS
Row-address strobe
Row-address strobe
CAS
Column-address strobe, DQ output enable
Tap-address strobe
DSF
Block-write enable
Load-write-mask-register enable
Load-color-register enable
CBR (option reset)
Split-register-transfer enable
TRG
DQ output enable
Transfer enable
WEL
WEU
Write enable, write-per-bit enable
DQx
DRAM data I/O, write mask
SC
Serial clock
SE
SQ output enable,
QSF output enable
SQx
Serial-data output
QSF
Serial-register status
VCC†
Power supply
VSS†
Ground
NC/GND
Make no external connection or tie to system GND
† For proper device operation, all VCC pins must be connected to a 5.0-V supply and all VSS pins must be tied to ground.
pin definitions
address (A0 –A8)
Eighteen address bits are required to decode one of 262 144 storage cell locations. Nine row-address bits are
set up on pins A0 –A8 and latched onto the chip on the falling edge of RAS. Nine column-address bits are set
up on pins A0 –A8 and latched onto the chip on the falling edge of CAS. All addresses must be stable on or before
the falling edge of RAS and the falling edge of CAS.
In 4-column block-write operations (TMS5516x), column-address bits A0 – A1 are ignored. Column-address bits
A2 – A8 become the block address that selects one of the 128 blocks in the active row. In 8-column block write
operations (TMS5517x), column-address bits A0 – A2 are ignored. Column address bits A3 – A8 become the
block address that selects one of the 64 blocks in the active row.
In full-register operations, column-address bit A8 selects which half of the active row in the DRAM is transferred
to the SAM. Column address bits A0 –A7 select one of 256 tap points (starting positions) for the serial-data
output.
In split-register-transfer operations, column address bit A8 selects the DRAM half row. Column-address bit A7
is ignored. The internal serial-address counter identifies which half of the SAM is in use. If the high half of the
SAM is in use, the low half of the SAM is loaded with the low half of the DRAM half row, and vice versa.
Column-address bits A0 – A6 select one of 127 tap points (starting locations) for the serial output. Locations 127
and 255 are not valid tap points in split-register-transfer operations. In stop-point mode, stop-point locations are
not valid tap points in split-register-transfer operations.
row-address strobe (RAS)
The falling edge of RAS latches the states of the row address, CAS, DSF, TRG, WEL, and WEU, and the DQs
onto the chip to initiate DRAM and transfer functions. RAS also functions as a DRAM output enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com