Electronic Components Datasheet Search
  English  ▼

X  

TMS55165 Datasheet(PDF) 35 Page - Texas Instruments

Part # TMS55165
Description  262144 BY 16-BIT MULTIPORT VIDEO RAM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS55165 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMS55165 Datasheet HTML 31Page - Texas Instruments TMS55165 Datasheet HTML 32Page - Texas Instruments TMS55165 Datasheet HTML 33Page - Texas Instruments TMS55165 Datasheet HTML 34Page - Texas Instruments TMS55165 Datasheet HTML 35Page - Texas Instruments TMS55165 Datasheet HTML 36Page - Texas Instruments TMS55165 Datasheet HTML 37Page - Texas Instruments TMS55165 Datasheet HTML 38Page - Texas Instruments TMS55165 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
TMS55165, TMS55166, TMS55175, TMS55176
262144 BY 16-BIT MULTIPORT VIDEO RAM
SMVS463 – DECEMBER 1995
35
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (see Note 7)
PARAMETER
TEST
ALT.
’551xx-60
’551xx-70
UNIT
PARAMETER
CONDITIONS †
SYMBOL
MIN
MAX
MIN
MAX
UNIT
ta(C)
Access time, DQx from CAS low
td(RLCL) = MAX
tCAC
17
20
ns
ta(CA)
Access time, DQx from column address
td(RLCL) = MAX
tAA
30
35
ns
ta(CP)
Access time, DQx from CAS high
td(RLCL) = MAX
tCPA
35
40
ns
ta(G)
Access time, DQx from TRG low
tOEA
15
20
ns
ta(R)
Access time, DQx from RAS low
td(RLCL) = MAX
tRAC
60
70
ns
ta(SE)
Access time, SQx from SE low
CL = 30 pF
tSEA
12
15
ns
ta(SQ)
Access time, SQx from SC high
CL = 30 pF
tSCA
15
20
ns
tdis(CH)
Disable time, random output from CAS high
(see Note 8)
CL = 50 pF
tOFF
3
15
3
20
ns
tdis(G)
Disable time, random output from TRG high
(see Note 8)
CL = 50 pF
tOEZ
3
15
3
20
ns
tdis(RH)
Disable time, random output from RAS high
(see Note 8)
CL = 50 pF
3
15
3
20
ns
tdis(SE)
Disable time, serial output from SE high (see Note 8)
CL = 30 pF
tSEZ
3
10
3
20
ns
tdis(WL)
Disable time, random output from WEx low
(see Note 8)
CL = 30 pF
tWEZ
0
15
0
20
ns
† For conditions shown as MIN / MAX, use the appropriate value specified in the timing requirements.
NOTES:
7. Switching times for RAM-port output are measured with a load equivalent to 1 TTL load and 50 pF. Data out reference level:
VOH / VOL = 2 V/0.8 V. Switching times for SAM-port output are measured with a load equivalent to 1 TTL load and 30 pF. Serial-data
out reference level: VOH / VOL = 2 V/0.8 V.
8. tdis(CH), tdis(RH), tdis(G), tdis( WL ), and tdis(SE) are specified when the output is no longer driven.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com