Electronic Components Datasheet Search
  English  ▼

X  

TMS55165 Datasheet(PDF) 20 Page - Texas Instruments

Part # TMS55165
Description  262144 BY 16-BIT MULTIPORT VIDEO RAM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS55165 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMS55165 Datasheet HTML 16Page - Texas Instruments TMS55165 Datasheet HTML 17Page - Texas Instruments TMS55165 Datasheet HTML 18Page - Texas Instruments TMS55165 Datasheet HTML 19Page - Texas Instruments TMS55165 Datasheet HTML 20Page - Texas Instruments TMS55165 Datasheet HTML 21Page - Texas Instruments TMS55165 Datasheet HTML 22Page - Texas Instruments TMS55165 Datasheet HTML 23Page - Texas Instruments TMS55165 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
TMS55165, TMS55166, TMS55175, TMS55176
262144 BY 16-BIT MULTIPORT VIDEO RAM
SMVS463 – DECEMBER 1995
20
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
4-column block write (continued)
Every four adjacent columns makes a block, which results in 128 blocks along one row. Block 0 comprises
columns 0 – 3, block 1 comprises columns 4 – 7, block 2 comprises columns 8 – 11, etc., as shown in Figure 10.
0
1
2
3
456
7
511
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Columns
Block 0
Block 1
Block 127
. . . . . . . . . . . . . . . . . . . . . .
One Row of 0 – 511
Figure 10. 4-Column-Block Column-Organization
During 4-column block-write cycles, only the seven most significant column addresses (A2 – A8) are latched on
the falling edge of CAS to decode one of the 128 blocks. Address bits A0 – A1 are ignored. All one-megabit
quadrants have the same block selected.
A block-write cycle is entered in a manner similar to a DRAM write cycle except DSF is held high on the falling
edge of CAS. As in a DRAM write operation, WEL and WEU enable the corresponding lower and upper DRAM
DQ bytes to be written, respectively. The column-mask data is input via the DQs and is latched on either the
falling edge of CAS or the first falling edge of WEx, whichever occurs later. The 16-bit color-data register must
be loaded prior to performing a block write as described below. Refer to the write-per-bit section for details on
use of the write-mask capability, allowing additional performance options.
Example of block write:
block-write column address
= 110000000 (A0 – A8 from left to right)
bit 0
bit 15
color-data register
= 1011
1011
1100
0111
write-mask register
= 1110
1111
1111
1011
column-mask register
= 1111
0000
0111
1010
1st
2nd
3rd
4th
Quad
Quad
Quad
Quad
Column-address bits A0 and A1 are ignored. Block 0 (columns 0 – 3) is selected for all one-megabit quadrants.
The first quadrant has DQ0 – DQ2 written with bits 0 – 2 from the color-data register to all four columns of block
0. DQ3 is not written and retains its previous data due to the write-mask bit 3 being a 0.
The second quadrant (DQ4 – DQ7 ) has all four columns masked off due to the column-mask bits 4 – 7 being 0,
so that no data is written.
The third quadrant (DQ8 – DQ11 ) has its four DQs written with bits 8 – 11 from the color-data register to columns
1 – 3 of its block 0. Column 0 is not written and retains its previous data on all four DQs due to the
column-mask bit 8 being 0.
The fourth quadrant (DQ12 – DQ15 ) has DQ12, DQ14, and DQ15 written with bits 12, 14, and 15 from the
color-data register to column 0 and column 2 of its block 0. DQ13 retains its previous data on all columns due
to the write mask. Columns 1 and 3 retain their previous data on all DQs due to the column mask. If the previous
data for the quadrant was all 0s, the fourth quadrant would contain the data pattern shown in Figure 11 after
the 4-column block-write operation shown in the example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com