| Electronic Components Datasheet Search |
|
TMS55165 Datasheet(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS55165 Datasheet(HTML) 29 Page - Texas Instruments |
|
29 / 70 page ![]() TMS55165, TMS55166, TMS55175, TMS55176 262144 BY 16-BIT MULTIPORT VIDEO RAM SMVS463 – DECEMBER 1995 29 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 split-register-transfer read (continued) QSF indicates which half of the register is being accessed during serial-access operation. When QSF is low, the serial-address pointer is accessing the lower (least significant) 128 bits of SAM. When QSF is high, the pointer is accessing the higher (most significant) 128 bits of SAM (see Figure 23). QSF changes state upon completing a full-register-transfer read cycle. The tap point loaded during the current transfer cycle determines the state of QSF. QSF also changes state when a boundary between two register halves is reached. RAS CAS DSF TRG QSF SC Tap Point N td(GHQSF) Full-Register-Transfer Read With Tap Point N Split-Register- Transfer Read td(CLQSF) NOTE A: See “timing requirements over recommended ranges of supply voltage and operating free-air temperature” table. Figure 22. Example of a Split-Register-Transfer Read After a Full-Register-Transfer Read 127 or 255 td(SCQSF) RAS CAS DSF TRG QSF SC Tap Point N Split-Register- Transfer Read With Tap Point N Split-Register- Transfer Read td(MSRL) td(RHMS) NOTE A: See “timing requirements over recommended ranges of supply voltage and operating free-air temperature” table. Figure 23. Example of Successive Split-Register-Transfer Read Operations |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |