Electronic Components Datasheet Search
  English  ▼

X  

TMS55165 Datasheet(PDF) 31 Page - Texas Instruments

Part # TMS55165
Description  262144 BY 16-BIT MULTIPORT VIDEO RAM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS55165 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS55165 Datasheet HTML 27Page - Texas Instruments TMS55165 Datasheet HTML 28Page - Texas Instruments TMS55165 Datasheet HTML 29Page - Texas Instruments TMS55165 Datasheet HTML 30Page - Texas Instruments TMS55165 Datasheet HTML 31Page - Texas Instruments TMS55165 Datasheet HTML 32Page - Texas Instruments TMS55165 Datasheet HTML 33Page - Texas Instruments TMS55165 Datasheet HTML 34Page - Texas Instruments TMS55165 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 70 page
background image
TMS55165, TMS55166, TMS55175, TMS55176
262144 BY 16-BIT MULTIPORT VIDEO RAM
SMVS463 – DECEMBER 1995
31
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
split-register programmable stop point (continued)
Stop-point mode is not active until the CBRS cycle is initiated. The CBRS operation is performed by holding CAS
and WEx low and DSF high on the falling edge of RAS. The falling edge of RAS also latches row addresses
A4 – A7, which are used to define the SAM’s partition length. The other row-address inputs are don’t cares.
Stop-point mode should be initiated immediately after the power-up initialization (see Table 6).
Table 6. Programming Code for Stop-Point Mode
MAXIMUM
PARTITION
ADDRESS AT RAS IN CBRS CYCLE
NUMBER OF
STOP POINT LOCATIONS
PARTITION
LENGTH
A8
A7
A6
A5
A4
A0 – A3
NUMBER OF
PARTITIONS
STOP-POINT LOCATIONS
16
X
L
L
L
L
X
16
15, 31, 47, 63, 79, 95, 111, 127, 143, 159, 175,
191, 207, 223, 239, 255
32
X
L
L
L
H
X
8
31, 63, 95, 127, 159, 191, 223, 255
64
X
L
L
H
H
X
4
63, 127, 191, 255
128
(default)
X
L
H
H
H
X
2
127, 255
In stop-point mode, the tap point loaded during the split-register-transfer read cycle determines in which SAM
partition the serial output begins and at which stop point the serial output stops coming from one half of SAM
and switches to the opposite half of SAM (see Figure 28).
255
128
0
127
RAS
Read XFER
Split
Read XFER
Split
Tap = H1
SC
191
Tap = L1
Tap = H2
L1
63
H2
Read XFER
Split
Tap = L2
255
L2
63
191
SAM High Half
SAM Low Half
H1
L1
H1
Read XFER
Full
L2
H2
Figure 28. Example of Split-Register Operation With Programmable Stop Points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com