Electronic Components Datasheet Search
  English  ▼

X  

TMS55165 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMS55165
Description  262144 BY 16-BIT MULTIPORT VIDEO RAM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS55165 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS55165 Datasheet HTML 12Page - Texas Instruments TMS55165 Datasheet HTML 13Page - Texas Instruments TMS55165 Datasheet HTML 14Page - Texas Instruments TMS55165 Datasheet HTML 15Page - Texas Instruments TMS55165 Datasheet HTML 16Page - Texas Instruments TMS55165 Datasheet HTML 17Page - Texas Instruments TMS55165 Datasheet HTML 18Page - Texas Instruments TMS55165 Datasheet HTML 19Page - Texas Instruments TMS55165 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 70 page
background image
TMS55165, TMS55166, TMS55175, TMS55176
262144 BY 16-BIT MULTIPORT VIDEO RAM
SMVS463 – DECEMBER 1995
16
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
nonpersistent write-per-bit
When either or both WEL and WEU are low on the falling edge of RAS, the write mask is reloaded. A 16-bit binary
code (the write mask) is input to the device via the DQ pins and latched on the falling edge of RAS. The
write-per-bit mask selects which of the 16 DQs are to be written and which are not. After RAS has latched the
on-chip write-per-bit mask, input data is driven onto the DQ pins and is latched on either the falling edge of CAS
or the first falling edge of WEx, whichever occurs later. WEL enables the lower byte (DQ0 – DQ7) to be written
through the mask and WEU enables the upper byte (DQ8 – DQ15) to be written through the mask. If a write mask
low (write mask = 0) is latched into a particular DQ pin on the falling edge of RAS, write data is not written to
that DQ. If a write mask high (write mask = 1) is latched into a particular DQ pin on the falling edge of RAS, write
data is written to that DQ (see Figure 6).
RAS
CAS
WEL
WEU
DQ0 – DQ15
tsu(DQR)†
tsu(DWL)†
th(RDQ)†
th(WLD)†
Write Mask
Write Data
† See “timing requirements over recommended ranges of supply voltage and operating free-air temperature” table.
Figure 6. Example of a Nonpersistent Write-Per-Bit (Late-Write) Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com