Electronic Components Datasheet Search
  English  ▼

X  

TMS55165 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMS55165
Description  262144 BY 16-BIT MULTIPORT VIDEO RAM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS55165 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS55165 Datasheet HTML 18Page - Texas Instruments TMS55165 Datasheet HTML 19Page - Texas Instruments TMS55165 Datasheet HTML 20Page - Texas Instruments TMS55165 Datasheet HTML 21Page - Texas Instruments TMS55165 Datasheet HTML 22Page - Texas Instruments TMS55165 Datasheet HTML 23Page - Texas Instruments TMS55165 Datasheet HTML 24Page - Texas Instruments TMS55165 Datasheet HTML 25Page - Texas Instruments TMS55165 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
TMS55165, TMS55166, TMS55175, TMS55176
262144 BY 16-BIT MULTIPORT VIDEO RAM
SMVS463 – DECEMBER 1995
22
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
8-column block write (TMS5517x)
The 8-column block-write function allows up to 128 bits of data to be written simultaneously to one row of the
memory array. This function is implemented as 8 columns
× 8 DQs and repeated in two bytes. In this manner,
each of the two bytes can have up to eight consecutive columns written at a time with up to eight DQs per column
(see Figure 12).
DQ4
DQ14
DQ0
Eight Consecutive Columns of 0 – 511
DQ1
DQ2
DQ3
DQ5
DQ6
DQ7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ15
Upper Byte
Lower Byte
One Row of 0 – 511
Figure 12. 8-Column Block-Write Operation
Each byte has an 8-bit column mask to mask off any or all of the eight columns from being written with data.
Nonpersistent write-per-bit or persistent write-per-bit functions can be applied to the block-write operation to
provide write-masking options. Write data (color data) is provided by eight bits from the on-chip color register.
Bits 0 – 7 from the 16-bit write-mask register, bits 0 – 7 from the 16-bit column-mask register, and bits 0 – 7 from
the 16-bit color-data register configure the block write for the lower byte, while bits 8 – 15 control the upper byte
in a similar fashion (see Figure 13).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com