Electronic Components Datasheet Search
  English  ▼

X  

FT4232HL Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # FT4232HL
Description  Quad High Speed USB to Multipurpose UART/MPSSE IC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232HL Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button FT4232HL Datasheet HTML 6Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 7Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 8Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 9Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 10Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 11Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 12Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 13Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
Copyright © Future Technology Devices International Limited
10
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet
Version 2.4
Document No.: FT_000060 Clearance No.: FTDI#78
Pin No.
Name
Type
Description
63
EECS
I/O
EEPROM – Chip Select. Tri-State during device reset.
62
EECLK
OUTPUT
Clock signal to EEPROM. Tri-State during device reset. When not in reset, this
outputs the EEPROM clock.
61
EEDATA
I/O
EEPROM – Data I/O Connect directly to Data-In of the EEPROM and to Data-Out
of the EEPROM via a 2.2K resistor. Also, pull Data-Out of the EEPROM to VCC via
a 10K resistor for correct operation. Tri-State during device reset.
Table 3.4 EEPROM Interface Group for 64-pin QFN and LQFP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com