Electronic Components Datasheet Search
  English  ▼

X  

FT4232HL Datasheet(PDF) 32 Page - Future Technology Devices International Ltd.

Part # FT4232HL
Description  Quad High Speed USB to Multipurpose UART/MPSSE IC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232HL Datasheet(HTML) 32 Page - Future Technology Devices International Ltd.

Back Button FT4232HL Datasheet HTML 28Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 29Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 30Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 31Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 32Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 33Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 34Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 35Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 36Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
Copyright © Future Technology Devices International Limited
32
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet
Version 2.4
Document No.: FT_000060 Clearance No.: FTDI#78
5.2 DC Characteristics
DC Characteristics (Ambient Temperature = -40°C to +85°C)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCORE
VCC Core Operating
Supply Voltage
1.62
1.80
1.98
V
VCCIO*
VCCIO Operating Supply
Voltage
2.97
3.30
3.63
V
Cells are 5V tolerant
VREGIN
VREGIN Voltage
regulator Input
3.00
3.30
3.60
V
VREGOUT
Voltage regulator Output
1.71
1.80
1.89
V
Ireg
Regulator Current
150
mA
VREGIN +3.3V
Icc1
Core Operating Supply
Current
---
70
---
mA
VCORE = +1.8V
Normal Operation
Icc1r
Core Reset Supply
Current
---
5
---
mA
VCORE = +1.8V
Device in reset state.
Icc1s
Core Suspend Supply
Current
500
µA
VCORE = +1.8V
USB Suspend
Table 5.2 Operating Voltage and Current
*NOTE: Failure to connect all VCCIO pins will result in failure of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com