Electronic Components Datasheet Search
  English  ▼

X  

FT4232HL Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # FT4232HL
Description  Quad High Speed USB to Multipurpose UART/MPSSE IC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232HL Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button FT4232HL Datasheet HTML 4Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 5Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 6Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 7Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 8Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 9Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 10Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 11Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
Copyright © Future Technology Devices International Limited
8
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet
Version 2.4
Document No.: FT_000060 Clearance No.: FTDI#78
3.1.2
Pin Descriptions
This section describes the operation of the FT4232H pins for 64-pin LQFP and 64-pin QFN. Both the 64-pin
QFN and LQFP packages have the same function on each pin. The function of many pins is determined by
the configuration of the FT4232H. The following table details the function of each pin dependent on the
configuration of the interface. Each of the functions are described in Table 3.1.
(Note: The convention used throughout this document for active low signals is the signal name followed by
#)
Table 3.1 FT4232H Pin Configurations for 64-pin QFN and LQFP package
* RI#/ or TXDEN is selectable in the EEPROM. Default is RI#.
FT4232HL and FT4232HQ (64-pin)
Pins
Pin functions (depend on configuration)
Pin #
Pin Name
ASYNC Serial
(RS232)
ASYNC Bit-
bang
SYNC Bit-
bang
MPSSE
Channel A
16
ADBUS0
TXD
D0
D0
TCK/SK
17
ADBUS1
RXD
D1
D1
TDI/DO
18
ADBUS2
RTS#
D2
D2
TDO/DI
19
ADBUS3
CTS#
D3
D3
TMS/CS
21
ADBUS4
DTR#
D4
D4
GPIOL0
22
ADBUS5
DSR#
D5
D5
GPIOL1
23
ADBUS6
DCD#
D6
D6
GPIOL2
24
ADBUS7
RI#/ TXDEN*
D7
D7
GPIOL3
Channel B
26
BDBUS0
TXD
D0
D0
TCK/SK
27
BDBUS1
RXD
D1
D1
TDI/DO
28
BDBUS2
RTS#
D2
D2
TDO/DI
29
BDBUS3
CTS#
D3
D3
TMS/CS
30
BDBUS4
DTR#
D4
D4
GPIOL0
32
BDBUS5
DSR#
D5
D5
GPIOL1
33
BDBUS6
DCD#
D6
D6
GPIOL2
34
BDBUS7
RI#/ TXDEN*
D7
D7
GPIOL3
Channel C
38
CDBUS0
TXD
D0
D0
RS232 or Bit-Bang interface
39
CDBUS1
RXD
D1
D1
RS232 or Bit-Bang interface
40
CDBUS2
RTS#
D2
D2
RS232 or Bit-Bang interface
41
CDBUS3
CTS#
D3
D3
RS232 or Bit-Bang interface
43
CDBUS4
DTR#
D4
D4
RS232 or Bit-Bang interface
44
CDBUS5
DSR#
D5
D5
RS232 or Bit-Bang interface
45
CDBUS6
DCD#
D6
D6
RS232 or Bit-Bang interface
46
CDBUS7
RI#/ TXDEN*
D7
D7
RS232 or Bit-Bang interface
Channel D
48
DDBUS0
TXD
D0
D0
RS232 or Bit-Bang interface
52
DDBUS1
RXD
D1
D1
RS232 or Bit-Bang interface
53
DDBUS2
RTS#
D2
D2
RS232 or Bit-Bang interface
54
DDBUS3
CTS#
D3
D3
RS232 or Bit-Bang interface
55
DDBUS4
DTR#
D4
D4
RS232 or Bit-Bang interface
57
DDBUS5
DSR#
D5
D5
RS232 or Bit-Bang interface
58
DDBUS6
DCD#
D6
D6
RS232 or Bit-Bang interface
59
DDBUS7
RI#/ TXDEN*
D7
D7
RS232 or Bit-Bang interface
60
PWREN#
PWREN#
PWREN#
PWREN#
PWREN#
36
SUSPEND#
SUSPEND#
SUSPEND#
SUSPEND#
SUSPEND#
Configuration memory interface
63
EECS
62
EECLK
61
EEDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com