Electronic Components Datasheet Search
  English  ▼

X  

FT4232HL Datasheet(PDF) 30 Page - Future Technology Devices International Ltd.

Part # FT4232HL
Description  Quad High Speed USB to Multipurpose UART/MPSSE IC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232HL Datasheet(HTML) 30 Page - Future Technology Devices International Ltd.

Back Button FT4232HL Datasheet HTML 26Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 27Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 28Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 29Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 30Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 31Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 32Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 33Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 34Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
Copyright © Future Technology Devices International Limited
30
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet
Version 2.4
Document No.: FT_000060 Clearance No.: FTDI#78
4.6 FT4232H Mode Selection
The 4 channels of the FT4232H reset to 4 asynchronous serial UART interfaces. Following a reset, the
required
mode
can
be
configured
by
sending
the
FT_SetBitMode
command
(refer
to
D2XX_Programmers_Guide) to the USB driver software.
The EEPROM contents have no effect on the selected mode with the exception of selecting the TXDEN for
RS485 mode when asynchronous serial interface has been selected in software. If the device is reset, then
the 4 channels must be reconfigured into the required mode.
Note that the mode of each of the 4 channels is independent of the other channels.
The MPSSE can be configured directly using the D2XX commands. The D2XX_Programmers_Guide is
available from the FTDI website at
http://www.ftdichip.com/Documents/ProgramGuides/D2XX_Programmer's_Guide(FT_000071).pdf
Also the MPSSE command set is fully described in application note AN108 - Command Processor For MPSSE
and MCU Host Bus Emulation Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com