Electronic Components Datasheet Search
  English  ▼

X  

FT4232HL Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # FT4232HL
Description  Quad High Speed USB to Multipurpose UART/MPSSE IC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232HL Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button FT4232HL Datasheet HTML 5Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 6Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 7Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 8Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 9Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 10Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 11Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 12Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
Copyright © Future Technology Devices International Limited
9
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet
Version 2.4
Document No.: FT_000060 Clearance No.: FTDI#78
3.1.3
Common Pins
The operation of the following FT4232H pins are the same regardless of the configured mode:-
Pin No.
Name
Type
Description
12,37,64
VCORE
POWER
Input
+1.8V input. Core supply voltage input.
20,31,42,56
VCCIO
POWER
Input
+3.3V input. I/O interface power supply input. Failure to connect all
VCCIO pins will result in failure of the device.
9
VPLL
POWER
Input
+3.3V input. Internal PHY PLL power supply input. It is recommended
that this supply is filtered using an LC filter.
4
VPHY
POWER
Input
+3.3V Input. Internal USB PHY power supply input. Note that this
cannot be connected directly to the USB supply. A +3.3V regulator
must be used. It is recommended that this supply is filtered using an LC
filter.
50
VREGIN
POWER
Input
+3.3V Input. Integrated 1.8V voltage regulator input.
49
VREGOUT
POWER
Output
+1.8V Output. Integrated voltage regulator output. Connect to VCORE
with 3.3uF filter capacitor.
10
AGND
POWER
Input
0V Analog ground.
1,5,11,15,
25,35,47,51
GND
POWER
Input
0V Ground input.
Table 3.2 Power and Ground for 64-pin QFN and LQFP package
Pin No.
Name
Type
Description
2
OSCI
INPUT
Oscillator input.
3
OSCO
OUTPUT
Oscillator output.
6
REF
INPUT
Current reference – connect via a 12K Ohm resistor @ 1% to GND.
7
DM
I/O
USB Data Signal Minus.
8
DP
I/O
USB Data Signal Plus.
13
TEST
INPUT
IC test pin – for normal operation should be connected to GND.
14
RESET#
INPUT
Reset input (active low).
60
PWREN#
OUTPUT
Active low power-enable output.
PWREN# = 0: Normal operation.
PWREN# =1: USB SUSPEND mode or device has not been configured.
This can be used by external circuitry to power down logic when device
is in USB suspend or has not been configured.
36
SUSPEND#
OUTPUT
Active low when USB is in suspend mode.
Table 3.3 Common Function pins for 64-pin QFN and LQFP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com