Electronic Components Datasheet Search
  English  ▼

X  

FT4232HL Datasheet(PDF) 47 Page - Future Technology Devices International Ltd.

Part # FT4232HL
Description  Quad High Speed USB to Multipurpose UART/MPSSE IC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232HL Datasheet(HTML) 47 Page - Future Technology Devices International Ltd.

Back Button FT4232HL Datasheet HTML 43Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 44Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 45Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 46Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 47Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 48Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 49Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 50Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 51Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
Copyright © Future Technology Devices International Limited
47
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet
Version 2.4
Document No.: FT_000060 Clearance No.: FTDI#78
8.4 Solder Reflow Profile
Figure 8.4 FT4232H Solder Reflow Profile
Profile Feature
Pb Free Solder Process
(green material)
SnPb Eutectic and Pb free (non
green material) Solder Process
Average Ramp Up Rate (Ts to Tp)
3°C / second Max.
3°C / Second Max.
Preheat
- Temperature Min (Ts Min.)
- Temperature Max (Ts Max.)
- Time (ts Min to ts Max)
150°C
200°C
60 to 120 seconds
100°C
150°C
60 to 120 seconds
Time Maintained Above Critical Temperature
TL:
- Temperature (TL)
- Time (tL)
217°C
60 to 150 seconds
183°C
60 to 150 seconds
Peak Temperature (Tp)
260°C
see Table 8.3
Time within 5°C of actual Peak Temperature
(tp)
30 to 40 seconds
20 to 40 seconds
Ramp Down Rate
6°C / second Max.
6°C / second Max.
Time for T= 25°C to Peak Temperature, Tp
8 minutes Max.
6 minutes Max.
Table 8.2 Reflow Profile Parameter Values
Critical Zone: when
T is in the range
T to T
Time, t (seconds)
25
P
T = 25º C to T
tp
Tp
TL
t
Preheat
S
t
L
Ramp Up
L
p
Ramp
Down
T Max
S
T Min
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com