Electronic Components Datasheet Search
  English  ▼

X  

FT4232HL Datasheet(PDF) 34 Page - Future Technology Devices International Ltd.

Part # FT4232HL
Description  Quad High Speed USB to Multipurpose UART/MPSSE IC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232HL Datasheet(HTML) 34 Page - Future Technology Devices International Ltd.

Back Button FT4232HL Datasheet HTML 30Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 31Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 32Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 33Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 34Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 35Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 36Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 37Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 38Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
Copyright © Future Technology Devices International Limited
34
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet
Version 2.4
Document No.: FT_000060 Clearance No.: FTDI#78
DC Characteristics (Ambient Temperature = -40°C to +85°C)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VPHY,
VPLL
PHY Operating Supply
Voltage
3.0
3.3
3.6
V
3.3V I/O
Iccphy
PHY Operating Supply
Current
---
30
60
mA
High-speed operation
at 480 MHz
Iccphy
(susp)
PHY Operating Supply
Current
---
10
50
μA
USB Suspend
Table 5.4 PHY Operating Voltage and Current
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
VCORE-
0.2
V
Vol
Output Voltage Low
0.2
V
Vil
Input low Switching
Threshold
-
0.8
V
Vih
Input High Switching
Threshold
2.0
-
V
Table 5.5 PHY I/O Pin Characteristics
5.3 ESD Tolerance
ESD protection for FT4232H IO’s
Parameter
Reference
Minimum
Typical
Maximum
Units
Human Body Model
(HBM)
JEDEC EIA/JESD22-
A114-B, Class 2
±2kV
kV
Machine Mode (MM)
JEDEC EIA/JESD22-
A115-A, Class B
±200V
V
Charge Device Model
(CDM)
JEDEC EIA/
JESD22-C101-
D, Class-III
±500V
V
Latch-up
JESD78, Trigger Class-II
±200mA
mA
Table 5.6 ESD Tolerance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com