Electronic Components Datasheet Search
  English  ▼

X  

AD5451 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5451
Description  8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5451 Datasheet(HTML) 5 Page - Analog Devices

  AD5451 Datasheet HTML 1Page - Analog Devices AD5451 Datasheet HTML 2Page - Analog Devices AD5451 Datasheet HTML 3Page - Analog Devices AD5451 Datasheet HTML 4Page - Analog Devices AD5451 Datasheet HTML 5Page - Analog Devices AD5451 Datasheet HTML 6Page - Analog Devices AD5451 Datasheet HTML 7Page - Analog Devices AD5451 Datasheet HTML 8Page - Analog Devices AD5451 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD5450/AD5451/AD5452/AD5453
–5–
REV. PrD
PRELIMINARY TECHNICAL DATA
PIN FUNCTION DESCRIPTION
MSOP
TSOT
Mnemonic Function
18
IOUT1
DAC Current Output.
2
7
G N D
Ground Pin.
3
6
SCLK
Serial Clock Input. By default, data is clocked into the input shift register on the
falling edge of the serial clock input. Alternatively, by means of the serial control
bits, the device may be configured such that data is clocked into the shift register on
the rising edge of SCLK.
4
5
SDIN
Serial Data Input. Data is clocked into the 16-bit input register on the active edge of
the serial clock input. By default, on power up, data is clocked into the shift register
on the falling edge of SCLK. The control bits allow the user to change the active
edge to rising edge.
54
SYNC
Active Low Control Input. This is the frame synchronization signal for the input
data. Data is loaded to the shift register on the active edge of the
following clocks.
63
V DD
Positive power supply input. These parts can operate from a supply of +2.5 V to
+5.5 V.
72
VREF
DAC reference voltage input pin.
81
RFB
DAC feedback resistor pin. Establish voltage output for the DAC by connecting to
external amplifier output.
PIN CONFIGURATION
AD5452/
AD5453
(Not to Scale)
IOUT1
GND
SCLK
SDIN
1
2
3
4
5
6
7
8 RFB
VREF
VDD
SYNC
AD5450/
AD5451/
AD5452/
AD5453
(Not to Scale)
IOUT1
GND
SCLK
SDIN
1
2
3
4
5
6
7
8
RFB
VREF
VDD
SYNC
MSOP (RM-8)
TSOT (UJ-8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com