Electronic Components Datasheet Search
  English  ▼

X  

AD5451 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5451
Description  8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5451 Datasheet(HTML) 1 Page - Analog Devices

  AD5451 Datasheet HTML 1Page - Analog Devices AD5451 Datasheet HTML 2Page - Analog Devices AD5451 Datasheet HTML 3Page - Analog Devices AD5451 Datasheet HTML 4Page - Analog Devices AD5451 Datasheet HTML 5Page - Analog Devices AD5451 Datasheet HTML 6Page - Analog Devices AD5451 Datasheet HTML 7Page - Analog Devices AD5451 Datasheet HTML 8Page - Analog Devices AD5451 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AD5450/AD5451/AD5452/AD5453*
a
REV. PrD Oct, 2003
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
Analog Devices, Inc., 2003
8/10/12/14-BitHighBandwidth
Multiplying DACs with Serial Interface
Preliminary Technical Data
PRELIMINARY TECHNICAL DATA
*US Patent Number 5,689,257
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corporation.
FEATURES
+2.5 V to +5.5 V Supply Operation
50MHz Serial Interface
10MHz Multiplying Bandwidth
±10V Reference Input
8-Lead TSOT & MSOP Packages
Pin Compatible 8, 10, 12 and 14 Bit Current Output DACs
Extended Temperature range –40°C to +125°C
Guaranteed Monotonic
Four Quadrant Multiplication
Power On Reset with brown out detect
<5
µµµµµA typical Current Consumption
APPLICATIONS
Portable Battery Powered Applications
Waveform Generators
Analog Processing
Instrumentation Applications
Programmable Amplifiers and Attenuators
Digitally-Controlled Calibration
Programmable Filters and Oscillators
Composite Video
Ultrasound
Gain, offset and Voltage Trimming
GENERAL DESCRIPTION
The AD5450/AD5451/AD5452/AD5453 are CMOS 8,
10, 12 and 14-bit Current Output digital-to-analog
converters respectively.
These devices operate from a +2.5 V to 5.5 V power sup-
ply, making them suited to battery powered applications
and many other applications.
These DACs utilize double buffered 3-wire serial interface
that is compatible with SPI
TM, QSPITM, MICROWIRETM
and most DSP interface standards.
On power-up, the internal shift register and latches are
filled with zeros and the DAC output is at zero scale.
As a result of manufacture on a CMOS sub micron
process, they offer excellent four quadrant multiplication
characteristics, with large signal multiplying bandwidths
of 10MHz.
FUNCTIONAL BLOCK DIAGRAM
The applied external reference input voltage (VREF)
determines the full scale output current. An integrated
feedback resistor (RFB) provides temperature tracking and
full scale voltage output when combined with an external
Current to Voltage precision amplifier.
The AD5450/AD5451/AD5452/AD5453 DACs are
available in small 8-lead TSOT & MSOP packages.
CONTROL LOGIC &
INPUT SHIFT REGISTER
SCLK
SYNC
AD5450/
AD5451/
AD5452/
AD5453
VREF
IOUT1
RFB
R
8/10/12/14
BIT
R-2R DAC
DAC REGISTER
SDIN
INPUT LATCH
VDD
Power On
Reset
GND


Similar Part No. - AD5451

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5451 AD-AD5451 Datasheet
860Kb / 32P
Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
7/04-Revision 0
AD5451 AD-AD5451 Datasheet
584Kb / 20P
8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5451 AD-AD5451 Datasheet
753Kb / 25P
Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5451 AD-AD5451 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5451 AD-AD5451 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
More results

Similar Description - AD5451

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5426 AD-AD5426 Datasheet
553Kb / 24P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV.0
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5446 AD-AD5446_15 Datasheet
962Kb / 29P
12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5450 AD-AD5450_15 Datasheet
725Kb / 28P
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com