Electronic Components Datasheet Search
  English  ▼

X  

AD5451 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5451
Description  8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5451 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5451 Datasheet HTML 8Page - Analog Devices AD5451 Datasheet HTML 9Page - Analog Devices AD5451 Datasheet HTML 10Page - Analog Devices AD5451 Datasheet HTML 11Page - Analog Devices AD5451 Datasheet HTML 12Page - Analog Devices AD5451 Datasheet HTML 13Page - Analog Devices AD5451 Datasheet HTML 14Page - Analog Devices AD5451 Datasheet HTML 15Page - Analog Devices AD5451 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD5450/AD5451/AD5452/AD5453
–16–
REV. PrD
PRELIMINARY TECHNICAL DATA
8 Lead TSOT
(UJ-8)
1234
8765
PIN 1
1.95 BSC
0.65 BSC
SEATING
PLANE
2.90 BSC
2.80 BSC
1.60 BSC
1.00
0.90
0.70
0.10 MAX
1.10 MAX
0.20
0.08
0.38
0.22
0.60
0.45
0.30
8
4
0
O
O
O
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8 Lead MSOP
(RM-8)
8
5
4
1
0.122 (3.10)
0.114 (2.90)
0.199 (5.05)
0.187 (4.75)
PIN 1
0.0256 (0.65) BSC
0.122 (3.10)
0.114 (2.90)
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.018 (0.46)
0.008 (0.20)
0.043 (1.09)
0.037 (0.94)
0.120 (3.05)
0.112 (2.84)
0.011 (0.28)
0.003 (0.08)
0.028 (0.71)
0.016 (0.41)
33
27
0.120 (3.05)
0.112 (2.84)
Overview of AD54xx devices
Part #
Resolution #DACs
INL
t S
Interface
Package
Features
AD5403
1
82
±0.25
20ns
Parallel
CP-40
10 MHz BW, 17 ns
CS Pulse Width, 4-
Quadrant Multiplying Resistors
AD5410
1
81
±0.25
20ns
Serial
R U - 1 6
10 MHz BW, 50 MHz Serial, 4- Quadrant
Multiplying Resistors
AD5413
1
82
±0.25
20ns
Serial
R U - 2 4
10 MHz BW, 50 MHz Serial, 4- Quadrant
Multiplying Resistors
AD5424
8
1
±0.25
60ns
Parallel
RU-16, CP-20 10 MHz BW, 17 ns
CS Pulse Width
AD5425
8
1
±0.25
100ns
Serial
RM-10
Byte Load,10 MHz BW, 50 MHz Serial
AD5426
8
1
±0.25
100ns
Serial
RM-10
10 MHz BW, 50 MHz Serial
AD5428
2
82
±0.25
60ns
Parallel
R U - 2 0
10 MHz BW, 17 ns
CS Pulse Width
AD5429
2
82
±0.25
100ns
Serial
R U - 1 0
10 MHz BW, 50 MHz Serial
AD5450
2
81
±0.25
100ns
Serial
RJ-8
10 MHz BW, 50 MHz Serial
AD5404
1
10
2
±0.5
25ns
Parallel
CP-40
10 MHz BW, 17 ns
CS Pulse Width, 4-
Quadrant Multiplying Resistors
AD5411
1
10
1
±0.5
25ns
Serial
R U - 1 6
10 MHz BW, 50 MHz Serial, 4- Quadrant
Multiplying Resistors
AD5414
1
10
2
±0.5
25ns
Serial
R U - 2 4
10 MHz BW, 50 MHz Serial, 4- Quadrant
Multiplying Resistors
AD5432
1 0
1
±0.5
110ns
Serial
RM-10
10 MHz BW, 50 MHz Serial
AD5433
1 0
1
±0.5
70ns
Parallel
RU-20, CP-20 10 MHz BW, 17 ns
CS Pulse Width
AD5439
2
10
2
±0.5
110ns
Serial
R U - 1 6
10 MHz BW, 50 MHz Serial
AD5440
2
10
2
±0.5
70ns
Parallel
R U - 2 4
10 MHz BW, 17 ns
CS Pulse Width
AD5451
2
10
1
±0.25
110ns
Serial
RJ-8
10 MHz BW, 50 MHz Serial
AD5405
2
1 2
2
± 1
120ns
Parallel
CP-40
10 MHz BW, 17 ns
CS Pulse Width, 4-
Quadrant Multiplying Resistors
AD5412
1
12
1
±1
160ns
Serial
R U - 1 6
10 MHz BW, 50 MHz Serial, 4- Quadrant
Multiplying Resistors
AD5415
2
12
2
±1
160ns
Serial
R U - 2 4
10 MHz BW, 50 MHz Serial, 4- Quadrant
Multiplying Resistors
AD5443
1 2
1
± 1
160ns
Serial
RM-10
10 MHz BW, 50 MHz Serial
AD5445
1 2
1
± 1
120ns
Parallel
RU-20, CP-20 10 MHz BW, 17 ns
CS Pulse Width
AD5447
2
1 2
2
± 1
120ns
Parallel
R U - 2 4
10 MHz BW, 17 ns
CS Pulse Width
AD5449
2
1 2
2
± 1
160ns
Serial
R U - 1 6
10 MHz BW, 50 MHz Serial
AD5452
2
12
1
±0.5
160ns
Serial
RJ-8, RM-8
10 MHz BW, 50 MHz Serial
AD5453
2
14
1
±2
180ns
Serial
RJ-8, RM-8
10 MHz BW, 50 MHz Serial
1Future parts, contact factory for availability
2In development, contact factory for availability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com